Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65161 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS65161
Description  BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65161 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65161_08 Datasheet HTML 1Page - Texas Instruments TPS65161_08 Datasheet HTML 2Page - Texas Instruments TPS65161_08 Datasheet HTML 3Page - Texas Instruments TPS65161_08 Datasheet HTML 4Page - Texas Instruments TPS65161_08 Datasheet HTML 5Page - Texas Instruments TPS65161_08 Datasheet HTML 6Page - Texas Instruments TPS65161_08 Datasheet HTML 7Page - Texas Instruments TPS65161_08 Datasheet HTML 8Page - Texas Instruments TPS65161_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TYPICAL APPLICATION
COMP
VINB
FREQ
EN1
EN2
DRN
FBN
REF
PGND
PGND
SW
SW
AVIN
FB
GND
OS
DRP
FBP
BOOT
SWB
NC
DLY1
TPS65161
D1
SL22
D2
D3
D4
D5
SS
VINB
GD
FBB
DLY2
SUP
GD
VIN
12V
C1
2*22 F
C3
1 F
C16
1 F
C6
0.47 F
VGL
−5V/50mA
C7
0.47 F
R3
620k
R4
150k
C8
220nF
C9
22nF
C10
10nF
C11
10nF
C17
22nF
D6
SL22
L2
15 H
Cb
100nF
R8
1.2k
R7
2k
C14
10nF
C12
2*22 F
V(LOGIC)
3.3V/2.3 A
R6
22k
R5
560k
C13
0.47 F
VGH
32V/50mA
0.47 F
C5
VS
18V/1.3 A
R2
56k
C15
470nF
C2
3*22 F
R1
825k
C4
22pF
L1
10 H
8
12
20
21
22
16
9
11
13
24
6
7
28
25
4
5
1
3
23
27
10
14
17
18
19
15
2
26
TPS65161
TPS65161A, TPS65161B
www.ti.com .................................................................................................................................................... SLVS617C – APRIL 2006 – REVISED OCTOBER 2008
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
• Internal and Adjustable Soft Start
2
• 8-V to 14.7-V Input Voltage Range
• Short-Circuit Protection
• V
S Output Voltage Range up to 19 V
• Overvoltage Protection
• TPS65161 has a 2.8-A Switch Current Limit
• Thermal Shutdown
• TPS65161A has a 3.7-A Switch Current Limit
• Available in HTSSOP-28 Package
• TPS65161B has a 3.7-A Switch Current Limit
and 100-mA Charge Pump Output Current
• TFT LCD Displays for Monitor and LCD TV
• 1.5% Accurate 2.3-A Step-Down Converter
• 500-kHz/750-kHz Fixed Switching Frequency
• Negative Charge Pump Driver for V
GL
• Positive Charge Pump Driver for V
GH
• Adjustable Sequencing for V
GL, VGH
• Gate Drive Signal to Drive External MOSFET
The TPS65161 family offers a compact power supply solution to provide all four voltages required by thin-film
transistor (TFT) LCD panels. With their high current capabilities, the devices are ideal for large screen monitor
panels and LCD TV applications.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65161_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
More results

Similar Description - TPS65161_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
logo
Global Mixed-mode Techn...
G5520 GMT-G5520 Datasheet
140Kb / 1P
   Bias Power Supply for TFT LCD Panels
G5520A GMT-G5520A Datasheet
186Kb / 1P
   Bias Power Supply for TFT LCD Panels
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com