Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65161PWPRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65161PWPRG4
Description  BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65161PWPRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65161PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS65161PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS65161PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS65161PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS65161PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS65161PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS65161PWPRG4 Datasheet HTML 10Page - Texas Instruments TPS65161PWPRG4 Datasheet HTML 11Page - Texas Instruments TPS65161PWPRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TYPICAL CHARACTERISTICS
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
−40 −20
0
20
40
60
80
100
120
140
TA − Temperature − 5C
VI = 8 V,
VI = 12 V,
VI = 14 V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
VI = 12 V,
VO = 15 V,
L = 10 mH
IO − Output Current − A
TPS65161
TPS65161A, TPS65161B
SLVS617C – APRIL 2006 – REVISED OCTOBER 2008 .................................................................................................................................................... www.ti.com
TABLE OF GRAPHS
FIGURE
MAIN BOOST CONVERTER (Vs)
η
Efficiency main boost converter VS
vs Load current VS = 15 V, VIN = 12 V
1
rDS(ON)
N-channel main switch Q1
vs Input voltage and temperature
2
Soft-start boost converter
CSS = 22 nF
3
PWM operation at full-load current
4
PWM operation at light-load current
5
Load transient response
6
STEP-DOWN CONVERTER (V(LOGIC))
η
Efficiency main boost converter VS
vs Load current V(LOGIC) = 3.3 V, VIN = 12 V
7
rDS(ON)
N-channel main switch Q1
8
PWM operation - continuous mode
9
PWM operation - discontinuous mode
10
Soft start
11
Load transient response
12
SYSTEM PERFORMANCE
fosc
Oscillation frequency
vs Input voltage and temperature
13
Power-up sequencing
EN2 connected to VIN
14
Power-up sequencing
EN2 enabled separately
15
BOOST CONVERTER
BOOST CONVERTER EFFICIENCY
rDS(on) - N-CHANNEL SWITCH
vs
vs
OUTPUT CURRENT
TEMPERATURE
Figure 1.
Figure 2.
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS65161 TPS65161A TPS65161B


Similar Part No. - TPS65161PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
More results

Similar Description - TPS65161PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
logo
Global Mixed-mode Techn...
G5520 GMT-G5520 Datasheet
140Kb / 1P
   Bias Power Supply for TFT LCD Panels
G5520A GMT-G5520A Datasheet
186Kb / 1P
   Bias Power Supply for TFT LCD Panels
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165RSBR TI-TPS65165RSBR Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com