Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78228DDCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78228DDCR
Description  150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78228DDCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS78228DDCR Datasheet HTML 5Page - Texas Instruments TPS78228DDCR Datasheet HTML 6Page - Texas Instruments TPS78228DDCR Datasheet HTML 7Page - Texas Instruments TPS78228DDCR Datasheet HTML 8Page - Texas Instruments TPS78228DDCR Datasheet HTML 9Page - Texas Instruments TPS78228DDCR Datasheet HTML 10Page - Texas Instruments TPS78228DDCR Datasheet HTML 11Page - Texas Instruments TPS78228DDCR Datasheet HTML 12Page - Texas Instruments TPS78228DDCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
APPLICATION INFORMATION
APPLICATION EXAMPLES
BOARD LAYOUT RECOMMENDATIONS TO
TPS78227
GND
EN
IN
OUT
V
IN
V
OUT
1 F
m
1 F
m
4.2Vto5.5V
2.7V
On
Off
INTERNAL CURRENT LIMIT
INPUT AND OUTPUT CAPACITOR
TPS782xx
www.ti.com ........................................................................................................................................... SBVS115A – AUGUST 2008 – REVISED SEPTEMBER 2008
The TPS782 series are designed to be stable with
standard ceramic capacitors with values of 1.0
µF or
larger at the output. X5R- and X7R-type capacitors
The TPS782 family of LDOs is factory-programmable
are best because they have minimal variation in value
to have a fixed output. Note that during startup or
and ESR over temperature. Maximum ESR should be
steady-state conditions, it is important that the EN pin
less than 1.0
Ω. With tolerance and dc bias effects,
voltage never exceed VIN + 0.3V.
the minimum capacitance to ensure stability is 1
µF.
IMPROVE PSRR AND NOISE PERFORMANCE
To improve ac performance (such as PSRR, output
noise, and transient response), it is recommended
that the printed circuit board (PCB) be designed with
separate ground planes for VIN and VOUT, with each
ground plane connected only at the GND pin of the
device. In addition, the ground connection for the
output capacitor should connect directly to the GND
pin of the device. High ESR capacitors may degrade
PSRR.
Figure 21. Typical Application Circuit
The TPS782 is internally current-limited to protect the
REQUIREMENTS
regulator during fault conditions. During current limit,
the output sources a fixed amount of current that is
Although an input capacitor is not required for
largely independent of output voltage. For reliable
stability, it is good analog design practice to connect
operation, the device should not be operated in a
a 0.1
µF to 1.0µF low equivalent series resistance
current limit state for extended periods of time.
(ESR) capacitor across the input supply near the
regulator. This capacitor counteracts reactive input
The PMOS pass element in the TPS782 series has a
sources and improves transient response, noise
built-in body diode that conducts current when the
rejection,
and
ripple
rejection.
A
higher-value
voltage at OUT exceeds the voltage at IN. This
capacitor may be necessary if large, fast rise-time
current is not limited, so if extended reverse voltage
load transients are anticipated, or if the device is not
operation is anticipated, external limiting to 5% of
located near the power source. If source impedance
rated output current may be appropriate.
is not sufficiently low, a 0.1
µF input capacitor may be
necessary to ensure stability.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS78228DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78228DDCR TI-TPS78228DDCR Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78228DDCR TI1-TPS78228DDCR Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS78228DDCR TI1-TPS78228DDCR Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78228DDCR TI1-TPS78228DDCR Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78228DDCRG4 TI-TPS78228DDCRG4 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
More results

Similar Description - TPS78228DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
logo
Texas Instruments
TPS782XX TI1-TPS782XX_12 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com