Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80RIA40MPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 80RIA40MPBF
Description  Phase Control Thyristors (Stud Version), 80 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80RIA40MPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  80RIA40MPBF Datasheet HTML 1Page - Vishay Siliconix 80RIA40MPBF Datasheet HTML 2Page - Vishay Siliconix 80RIA40MPBF Datasheet HTML 3Page - Vishay Siliconix 80RIA40MPBF Datasheet HTML 4Page - Vishay Siliconix 80RIA40MPBF Datasheet HTML 5Page - Vishay Siliconix 80RIA40MPBF Datasheet HTML 6Page - Vishay Siliconix 80RIA40MPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94392
2
Revision: 11-Aug-08
80RIA...PbF/81RIA...PbF Series
Vishay High Power Products Phase Control Thyristors
(Stud Version), 80 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at case temperature
IT(AV)
180° conduction, half sine wave
80
A
85
°C
Maximum RMS on-state current
IT(RMS)
DC at 75 °C case temperature
125
A
Maximum peak, one-cycle
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
1900
t = 8.3 ms
1990
t = 10 ms
100 % VRRM
reapplied
1600
t = 8.3 ms
1675
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
18
kA2s
t = 8.3 ms
16
t = 10 ms
100 % VRRM
reapplied
12.7
t = 8.3 ms
11.7
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
180.5
kA2
√s
Low level value of threshold voltage
VT(TO)1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
0.99
V
High level value of threshold voltage
VT(TO)2
(I >
π x I
T(AV)), TJ = TJ maximum
1.13
Low level value of on-state slope resistance
rt1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
2.29
m
Ω
High level value of on-state slope resistance
rt2
(I >
π x I
T(AV)), TJ = TJ maximum
1.84
Maximum on-state voltage
VTM
Ipk = 250 A, TJ = 25 °C, tp = 10 ms sine pulse
1.60
V
Maximum holding current
IH
TJ = 25 °C, anode supply 12 V resistive load
200
mA
Typical latching current
IL
400
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum non-repetitive rate of
rise of turned-on current
dI/dt
TJ = 125 °C, Vd = Rated VDRM, ITM = 2 x dI/dt snubber
0.2 µF, 15
Ω, gate pulse: 20 V, 65 Ω, t
p = 6 µs, tr = 0.5 µs
Per JEDEC standard RS-397, 5.2.2.6.
300
A/µs
Typical delay time
td
Gate pulse: 10 V, 15
Ω source, t
p = 6 µs, tr = 0.1 µs,
Vd = Rated VDRM, ITM = 50 Adc, TJ = 25 °C
1
µs
Typical turn-off time
tq
ITM = 50 A, TJ = TJ maximum, dI/dt = - 5 A/µs, VR = 50
V, dV/dt = 20 V/µs, gate bias: 0 V 25
Ω, t
p = 500 µs
110
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise of
off-state voltage
dV/dt
TJ = 125 °C exponential to 67 % rated VDRM
500
V/µs
Maximum peak reverse and
off-state leakage current
IRRM,
IDRM
TJ = 125 °C rated VDRM/VRRM applied
15
mA


Similar Part No. - 80RIA40MPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80RIA40MPBF VISHAY-80RIA40MPBF Datasheet
160Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 17-Sep-10
More results

Similar Description - 80RIA40MPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80RIA40PBF VISHAY-80RIA40PBF_10 Datasheet
160Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 17-Sep-10
82RIA120 VISHAY-82RIA120 Datasheet
159Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 17-Sep-10
VS-80RIAPBF VISHAY-VS-80RIAPBF Datasheet
187Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 27-Sep-17
VS-80RIAPBF VISHAY-VS-80RIAPBF_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
01-Jan-2022
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com