Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB43EB43 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSB43EB43
Description  TI IEEE 1394a-2000 Consumer Electronics Solution
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43EB43 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB43EB43 Datasheet HTML 3Page - Texas Instruments TSB43EB43 Datasheet HTML 4Page - Texas Instruments TSB43EB43 Datasheet HTML 5Page - Texas Instruments TSB43EB43 Datasheet HTML 6Page - Texas Instruments TSB43EB43 Datasheet HTML 7Page - Texas Instruments TSB43EB43 Datasheet HTML 8Page - Texas Instruments TSB43EB43 Datasheet HTML 9Page - Texas Instruments TSB43EB43 Datasheet HTML 10Page - Texas Instruments TSB43EB43 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TSB43EA/EB/EC42
TI IEEE 1394a-2000
TSB43EA/EB/EC43
Consumer Electronics Solution
SLLA275A – April 2008 – Revised July 2008
Released – v1.1
PRODUCTION
DATA
Information
is
current
as
of
publication date. Products conform to specifications per the
terms of Texas Instruments standard warranty. Production
processing
does
not
necessarily
include
testing
of
all
parameters.
Copyright
2008, Texas Instruments Incorporated
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
7
4
General Information
4.1
Disclaimer
Any operations not described by this data sheet are undefined. TI is not responsible for the
results if the user operates TSB43Ex42/43 in a manner not described by this document.
4.2
Package Size/Ordering information
Only the devices in the green rows are available for order. Other devices are previews and are
scheduled to be released.
Ordering
Number
Availability
Number of
PHY Ports
5C/Non-5C
Voltage
Package
Package
Type
TSB43EA42
Available
2
5C only
3.3 V/1.5 V
MicroStar
BGA
™ 144
ZGU
TSB43EB42
Preview
2
Non-5C
3.3 V/1.5 V
MicroStar
BGA144
ZGU
TSB43EC42
Preview
2
5C + AES
3.3 V/1.5 V
MicroStar
BGA 144
ZGU
TSB43EB43
Preview
3
Non-5C
3.3 V/1.5 V
MicroStar
BGA 144
ZGU
TSB43EA43
Preview
3
5C only
3.3 V/1.5 V
MicroStar
BGA 144
ZGU
TSB43EC43
Preview
3
5C + AES
3.3 V/1.5 V
MicroStar
BGA 144
ZGU
4.3
Operating Voltage
MIN
MAX
UNIT
1.5 V
1.35
1.65
V
Nominal voltage
3.3 V
3
3.6
V
Note: I/Os are not 5-V tolerant (including PCI interface)
4.4
Operating Temperature
MIN
NOM
MAX
UNIT
Commercial
0
70
°C
Operating ambient
temperature
Industrial
(To be released)
-40
85
°C
Storage temperature
-65
150
°C


Similar Part No. - TSB43EB43

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43EB43 TI1-TSB43EB43 Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB43EB43 TI1-TSB43EB43 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
More results

Similar Description - TSB43EB43

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB43CA42 TI-TSB43CA42 Datasheet
1Mb / 97P
[Old version datasheet]   TI iceLynx-Micro??IEEE 1394a-2000 Consumer Electronics Solution
TSB43DA42 TI-TSB43DA42_08 Datasheet
157Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI-TSB43DA42 Datasheet
200Kb / 7P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43EX4X TI1-TSB43EX4X_15 Datasheet
169Kb / 11P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43DA42 TI1-TSB43DA42_14 Datasheet
777Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION
TSB43CA43A TI1-TSB43CA43A Datasheet
163Kb / 8P
[Old version datasheet]   iceLynx-Micro IEEE 1394a-2000 Consumer Electronics Solution
TSB43EX4X TI1-TSB43EX4X Datasheet
173Kb / 12P
[Old version datasheet]   IEEE 1394a-2000 CONSUMER ELECTRONICS SOLUTION Data Sheet Extract, Rev 1.2
TSB41AB1PAP TI-TSB41AB1PAP Datasheet
1Mb / 69P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE
TSB43AB23 TI-TSB43AB23 Datasheet
625Kb / 109P
[Old version datasheet]   IEEE 1394A 2000 OHCI PHY /LINK LAYER CONTROLLER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com