Selected language     English  ▼


LA72702NV Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. LA72702NV
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 7 page
background image
LA72702NV
No.A0979-7/10
Continued from preceding page.
Pin No.
Pin Name
Function
DC: voltage
AC: level
Equivalent Circuit
9
SDA
Serial data input
10
SCL
Serial clock input
11
PC DBXIN
Offset cancel feedback filter
DC: 2.4V
12
PCDETSPE
Spectral band RMS detect
DC: 2.3V
13
PCTIMSPE
dbx spectral detect
DC: 2.4V
14
PCTNWID
Wide band RMS detect
DC: 2.4V
15
PCSPECIN
dbx main signal V/I convert filter
DC: 2.4V
16
PC KE6B
Offset cancel feedback filter
DC: 2.4V
AC: 220mVp-p
Continued on next page.
0V
5V
0V
5V
9
1k
Ω
10
1k
Ω
5k
Ω
11
12
200
Ω
1k
Ω
5k
Ω
13
14
200
Ω
1k
Ω
10k
Ω
15
500
Ω
250
Ω
500
Ω
16




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA72702VAMonolithic Linear IC For US TV BTSC Decoder 1 2 3 4 5 MoreSanyo Semicon Device
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA72714VAMonolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC 1 2 3 4 5 MoreSanyo Semicon Device
LA8123TTMonolithic Linear IC For Digital CATV/Cable Modem Receiver AGC Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA5647HMonolithic Linear IC For Car AV Equipment Multifunction Multi-Voltage Power Supply 1 2 3 4 5 MoreSanyo Semicon Device
LA42102Monolithic Linear IC Audio Output for TV application 10W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA75600VAMonolithic Linear IC IF Signal Processing VIF/SIF IC for use in TV/VCR Applications 1 2 3 4 5 MoreSanyo Semicon Device
LA5797MMonolithic Linear IC For Variable Capacitance Diodes Charge Pump Step-up Power Supply 1 2 3 4 Sanyo Semicon Device
LA42105Monolithic Linear IC Audio Output for TV application BTL 5W × 1ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA76835NM_07Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl