Selected language     English  ▼


LA72702NV Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA72702NV
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
LA72702NV
N2807 TI IM 20070112-S00005 No.A0979-1/10
LA72702NV
Overview
The LA72702NV is a US TV BTSC Decoder.
Features
• With SIF circuit, alignment-free* STEREO channel separation.
* When base band signal input, separation is adjusted by input level.
• Dual slave address(80h, 84h).
Functions
• SIF FM-Demodulator • STEREO detection
• SAP detection
• STEREO decoder
• STEREO detection sensitivity change function • SAP output select 2-levels
• dbx Noise Reduction • SAP demodulator
• SAP detection sensitivity change function
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply voltage
VCCH max
7.0
V
Allowable power dissipation
Pd max
Ta
≤85°C, Mounted on a specified board*
290
mW
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Mounted on a specified board: 114.3mm
×76.1mm×1.6mm, glass epoxy board
Operating Conditions at Ta
= 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended operating voltage
vacate
5.0
V
Allowable operating voltage range
VCCH op
4.5 to 5.5
V
Monolithic Linear IC
For US TV
BTSC Decoder
Ordering number : ENA0979
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA72702VAMonolithic Linear IC For US TV BTSC Decoder 1 2 3 4 5 MoreSanyo Semicon Device
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA72714VAMonolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC 1 2 3 4 5 MoreSanyo Semicon Device
LA8123TTMonolithic Linear IC For Digital CATV/Cable Modem Receiver AGC Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA5647HMonolithic Linear IC For Car AV Equipment Multifunction Multi-Voltage Power Supply 1 2 3 4 5 MoreSanyo Semicon Device
LA42102Monolithic Linear IC Audio Output for TV application 10W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA75600VAMonolithic Linear IC IF Signal Processing VIF/SIF IC for use in TV/VCR Applications 1 2 3 4 5 MoreSanyo Semicon Device
LA5797MMonolithic Linear IC For Variable Capacitance Diodes Charge Pump Step-up Power Supply 1 2 3 4 Sanyo Semicon Device
LA42105Monolithic Linear IC Audio Output for TV application BTL 5W × 1ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA76835NM_07Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl