Selected language     English  β–Ό


LA72702NV Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA72702NV
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 3 page
background image
LA72702NV
No.A0979-3/10
Package Dimensions
unit : mm (typ)
3175C
Mode Condition
I
2C data in
Output mode
I
2C out
Signal
D8
D7
D6
D5
D4
D3
D2
D1
Lch pin18
Rch pin17
Mode condition
D8
D7
Mode pin20
βˆ—
0
0
0
L
R
Stereo
0
0
0
1
SAP
SAP
SAP-1
1
0
0
1
SAP
SAP
SAP-2
0
0
1
0
L+R
SAP
MULTI-1
1
0
1
0
L+R
SAP
MULTI-2
βˆ—
1
0
0
L+R
L+R
F-MONO
βˆ—
1
0
1
L+R
L+R
F-MONO
βˆ—
1
1
0
L+R
L+R
F-MONO
Stereo
+ SAP
βˆ—
βˆ—
1
1
Off
Off
MUTE
1
1
3.8V
βˆ—
0
0
0
L
R
Stereo
βˆ—
0
0
1
L
R
Stereo
βˆ—
0
1
0
L
R
Stereo
βˆ—
1
0
0
L+R
L+R
F-MONO
βˆ—
1
0
1
L+R
L+R
F-MONO
βˆ—
1
1
0
L+R
L+R
F-MONO
Stereo
βˆ—
βˆ—
1
1
Off
Off
MUTE
1
0
2.8V
βˆ—
βˆ—
0
0
L+R
L+R
MONO
0
0
0
1
SAP
SAP
SAP-1
1
0
0
1
SAP
SAP
SAP-2
0
0
1
0
L+R
SAP
MULTI-1
1
0
1
0
L+R
SAP
MULTI-2
Mono
+ SAP
βˆ—
βˆ—
1
1
Off
Off
MUTE
0
1
1.9V
βˆ—
βˆ—
0
0
L+R
L+R
MONO
βˆ—
βˆ—
0
1
L+R
L+R
MONO
βˆ—
βˆ—
1
0
L+R
L+R
MONO
MONO
(0)
FIX
(0)
SIF
(1)
BASE
band
βˆ—
(0)
STEREO
SENS
Lo
(1)
Hi
(0)
SAP
SENS
Lo
(1)
Hi
βˆ—
1
1
Off
Off
MUTE
0
0
1.0V
* : no care
SANYO : SSOP24(275mil)
7.8
0.22
0.65
(0.33)
12
13
24
1
0.15




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA72702VAMonolithic Linear IC For US TV BTSC Decoder 1 2 3 4 5 MoreSanyo Semicon Device
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA72714VAMonolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC 1 2 3 4 5 MoreSanyo Semicon Device
LA8123TTMonolithic Linear IC For Digital CATV/Cable Modem Receiver AGC Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA5647HMonolithic Linear IC For Car AV Equipment Multifunction Multi-Voltage Power Supply 1 2 3 4 5 MoreSanyo Semicon Device
LA42102Monolithic Linear IC Audio Output for TV application 10W Γ— 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA75600VAMonolithic Linear IC IF Signal Processing VIF/SIF IC for use in TV/VCR Applications 1 2 3 4 5 MoreSanyo Semicon Device
LA5797MMonolithic Linear IC For Variable Capacitance Diodes Charge Pump Step-up Power Supply 1 2 3 4 Sanyo Semicon Device
LA42105Monolithic Linear IC Audio Output for TV application BTL 5W Γ— 1ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA76835NM_07Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl