Selected language     English  ▼


LA72702NV Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA72702NV
Description  Monolithic Linear IC For US TV BTSC Decoder
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 6 page
background image
LA72702NV
No.A0979-6/10
Pin Functions
Pin No.
Pin Name
Function
DC: voltage
AC: level
Equivalent Circuit
1
PCPLDET
Pilot level detect for stero detection
DC : 2.4V
2
PC_DC_IN
AC coupling (Input)
DC : 2.4V
AC : 2.4Vp-p
3
PC_DCOUT
AC coupling (Output)
DC : 2.4V
AC : 2.4Vp-p
4
PC FIL
SIF offset cancel
DC : 2.6V
5
PISIF
Signal input
Common input at SIF, Base band
DC : 3.7V
6
GND
7
CSAPDET
SAP carrier level detect for SAP detection
DC : 2.8V
8
ADDSEL
Slave address change control
OPEN/GND : 80h
5V
: 84h
DC : 0V
Continued on next page.
1
40k
Ω
40k
Ω
160k
Ω
1k
Ω
500
Ω
1k
Ω
2
3
1k
Ω
1k
Ω
1k
Ω
2k
Ω
70k
Ω
7
8
1k
Ω
100k
Ω
10k
Ω
500
Ω
1k
Ω
5
4
1k
Ω
1k
Ω




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA72702VAMonolithic Linear IC For US TV BTSC Decoder 1 2 3 4 5 MoreSanyo Semicon Device
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA72714VAMonolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC 1 2 3 4 5 MoreSanyo Semicon Device
LA8123TTMonolithic Linear IC For Digital CATV/Cable Modem Receiver AGC Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA5647HMonolithic Linear IC For Car AV Equipment Multifunction Multi-Voltage Power Supply 1 2 3 4 5 MoreSanyo Semicon Device
LA42102Monolithic Linear IC Audio Output for TV application 10W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA75600VAMonolithic Linear IC IF Signal Processing VIF/SIF IC for use in TV/VCR Applications 1 2 3 4 5 MoreSanyo Semicon Device
LA5797MMonolithic Linear IC For Variable Capacitance Diodes Charge Pump Step-up Power Supply 1 2 3 4 Sanyo Semicon Device
LA42105Monolithic Linear IC Audio Output for TV application BTL 5W × 1ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA76835NM_07Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl