Selected language     English  â–¼


LA72715V Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part No. LA72715V
Description  Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 10 page
background image
LA72715V, 72715VA
No.A0982-10/12
I
2C Control/LA72715N/VA Group number is ONLY 1 (Normal Use).
Grp-1
D8
D7
D6
D5
D4
D3
D2
D1
Condition
0
0
Bilingual
*
0
1
Main
1
0
Sub
1
1
(Prohibit)
*
0
Normal
1
Forced MONO
*
0
Normal (MUTE OFF)
1
MUTE
*
0
TV Mode (SW Normal)
1
EXT Mode (SW EXT)
*
0
JUST CLOCK OFF
1
JUST CLOCK ON
*
0
SIF Mode
1
BASE BAND Mode
*
0
Fix
1
Prohibit (TEST Mode)
*: Initial condition
Read out data
D8
D7
D6
D5
D4
D3
D2
D1
Condition
0
0
0
0
0
Fixed
0
Normal
1
Stereo det
0
Normal
1
Bilingual det
0
Except an initial condition
1
Initial condition
Test Mode Condition
When STOP condition transform at Grp-1 data-end, controlled NORMAL mode.
Grp-2 (Only test condition : Normally, this group is hidden group)
D8
D7
D6
D5
D4
D3
D2
D1
Condition/Moniter position
0
0
0
0
0
0
0
0
-
0
0
0
0
0
0
0
1
TEST-01 SIF out
0
0
0
0
0
0
1
0
TEST-02 SUB FIL out
0
0
0
0
0
0
1
1
TEST-03 CUE FIL out
0
0
0
0
0
1
0
0
TEST-04 SUD DET out
0
0
0
0
0
1
0
1
TEST-05 CUE DC1 out
0
0
0
0
0
1
1
0
TEST-06 SUB DET2 out
0
0
0
0
0
1
1
1
TEST-07 110K out
0
0
0
0
1
0
0
0
TEST-08 28K out
0
0
0
0
1
0
0
1
TEST-09 CUE PLS out
0
0
0
0
1
0
1
0
TEST-10 FIL ZAP LEVEL
SLAVE ADDRESS 80H (16pin : OPEN)
SLAVE ADDRESS 84H (16pin : VCC)
SLAVE ADDRESS A0H (16pin : GND)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA72714VAMonolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC 1 2 3 4 5 MoreSanyo Semicon Device
LA72702VAMonolithic Linear IC For US TV BTSC Decoder 1 2 3 4 5 MoreSanyo Semicon Device
LA72702NVMonolithic Linear IC For US TV BTSC Decoder 1 2 3 4 5 MoreSanyo Semicon Device
LA5688HMonolithic Linear IC Multi power supply regulator+1.5ch forward/reverse motor driver 1 2 3 4 5 MoreSanyo Semicon Device
LA76835NM_07Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip 1 2 3 4 5 MoreSanyo Semicon Device
LA76850Monolithic Linear IC Black & White Television IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
AP4512 Channel Linear Controller with Independent Enable Function 1 2 3 4 5 MoreAnachip Corp
LB8681CLMonolithic Digital IC Constant Current Driver IC with H-bridge Ă— 1.5 Channel 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl