Selected language     English  â–¼


LA72715V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA72715V
Description  Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 2 page
background image
LA72715V, 72715VA
No.A0982-2/12
Operating Ranges
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended operating voltage
VCCH
5.0
V
Allowable operating voltage
VCCH op
4.5 to 5.5
V
Electrical Characteristics
at Ta
= 25°C, VDD = 5V
[Condition of input signal at pin 5]
BASE BAND input
[Output] L-ch: pin 18, R-ch: pin 17
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Current dissipation
ICC1
No signal, Inflow current at pin 19
18
26
34
mA
-6
-4.5
-3
dBV
MONO output level
VOMN1
fm
= 1kHz, 100% Mod, Pre-emphasis OFF
501
595
708
mVrms
MONO L/R level difference
∆VOMN1
fm
= 1kHz, 100% Mod, Pre-emphasis OFF
-1
0
1
dB
MONO distortion
THDM1
fm
= 1kHz, 100% Mod, Pre-emphasis OFF
0.2
0.5
%
MONO frequency characteristics
FCM1
fm
= 10kHz/1kHz, 100% Mod, 15kHz LPF
Pre-emphasis OFF
-18
-13.5
dB
MONO S/N
SNM1
Non Mod, 15kHz LPF
60
65
dB
-6
-4.5
-3
dBV
STEREO output level
VOST1
fm
= 1kHz, 100% Mod, Cue (Stereo),
15kHz LPF
501
595
708
mVrms
STEREO distortion
THDS1
fm
= 1kHz, 100% Mod, Cue (Stereo),
15kHz LPF
0.5
1
%
STEREO S/N
SNS1
Sub Carrier (Non Mod), Cue (Stereo),
15kHz LPF
50
60
dB
-6
-4.5
-3
dBV
Main output level
VOMA1
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
501
595
708
mVrms
Main distortion
THDMA1
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
0.2
0.5
%
Main S/N
SNMA1
Sub Carrier (Non Mod), Cue (Bilingual), 15kHz LPF
60
65
dB
-6
-4.5
-3
dBV
SUB output level
VOSU1
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
501
595
708
mVrms
SUB distortion
THDSU1
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
0.7
1.5
%
SUB frequency characteristics
FCSU1
fm
= 10kHz/1kHz, 60% Mod, Cue (Bilingual),
15kHz LPF, Pre-emphasis OFF
-18
-14.5
dB
SUB Main S/N
SNSU1
Sub Carrier (Non Mod), Cue (Bilingual), 15kHz LPF
50
60
dB
STEREO separation L
→ R
SEPR1
fm
= 1kHz (L-only), 60% Mod, Cue (Stereo),
15kHz LPF
35
43
dB
STERO separation R
→ L
SEPL1
fm
= 1kHz (R-only), 60% Mod, Cue (Stereo),
15kHz LPF
35
43
dB
Stay behind carrier level (SUB)
CLSU1
Main
= 0%, Sub = 0% (Carrier)
Cue (Bilingual)
-50
-40
dBV
Stay behind carrier level (MAIN)
CLMA1
Main
= 0%, Sub = 0% (Carrier)
Cue (Bilingual)
-55
-45
dBV
Cross-talk MAIN
→ SUB
CTSUB1
Main : fm
= 1kHz, 100% modulation,
Cue (Bilingual), 1kHz BPF
55
62
dB
Cross-talk SUB
→ MAIN
CTMA1
Sub : fm
= 1kHz, 100% modulation,
Cue (Bilingual), 1kHz BPF
55
62
dB
MODE output MONO
MODMO1
Input
= Mono Signal
1.7
2
2.3
V
MODE output STEREO
MODST1
Input
= Stereo Signal
0
1
1.3
V
MODE output BILINGUAL
MODBI1
Input
= Bilingual Signal
2.7
3
3.3
V
Just Clock output High voltage
JCH1
f
= 400Hz (mono), 25% Mod
4
V
Just Clock output Low voltage
JCL1
f
= 400Hz (mono), 10% Mod
1
V
3.3
4.2
dBV
Max Output level
MOL1
f = 1kHz, distortion = 3%
1462
1622
mVrms
-14.5
dBV
EXTERNAL input level
EXTIN1
f = 1kHz, (pin 12 & pin 13 input)
188.4
mVrms




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA72714VAMonolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC 1 2 3 4 5 MoreSanyo Semicon Device
LA72702VAMonolithic Linear IC For US TV BTSC Decoder 1 2 3 4 5 MoreSanyo Semicon Device
LA72702NVMonolithic Linear IC For US TV BTSC Decoder 1 2 3 4 5 MoreSanyo Semicon Device
LA5688HMonolithic Linear IC Multi power supply regulator+1.5ch forward/reverse motor driver 1 2 3 4 5 MoreSanyo Semicon Device
LA76835NM_07Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip 1 2 3 4 5 MoreSanyo Semicon Device
LA76850Monolithic Linear IC Black & White Television IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
AP4512 Channel Linear Controller with Independent Enable Function 1 2 3 4 5 MoreAnachip Corp
LB8681CLMonolithic Digital IC Constant Current Driver IC with H-bridge × 1.5 Channel 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl