Selected language     English  ▼


LA72715V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA72715V
Description  Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 3 page
background image
LA72715V, 72715VA
No.A0982-3/12
[Condition of input signal at pin 5]
Deviation of SIF input MONO : (fm = 1kHz) 100%
→4.5MHz±25kHz Pre-Emphasis ON
[Output] L-ch : pin 18, R-ch : pin 17
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Current dissipation
ICC2
No signal, Inflow current at pin 19
20
28
36
mA
70
90
110
dB
µV
Input sensitivity level
VSIN
fc = 4.5MHz
3.16
31.62
316.2
mVrms
-6
-4.5
-3
dBV
MONO output level
VOMN2
fm
= 1kHz, 100% Mod, Pre-emphasis OFF
501
595
708
mVrms
MONO L/R level difference
∆VOMN2
fm
= 1kHz, 100% Mod, Pre-emphasis OFF
-1
0
1
dB
MONO distortion
THDM2
fm
= 1kHz, 100% Mod, Pre-emphasis OFF
0.2
0.5
%
MONO frequency characteristics
FCM2
fm
= 10kHz/1kHz, 100% Mod, 15kHz LPF
Pre-emphasis OFF
-18
-13.5
dB
MONO S/N
SNM2
Non Mod, 15kHz LPF
55
60
dB
-6
-4.5
-3
dBV
STEREO output level
VOST2
fm
= 1kHz, 100% Mod, Cue (Stereo),
15kHz LPF
501
595
708
mVrms
STEREO distortion
THDS2
fm
= 1kHz, 100% Mod, Cue (Stereo),
15kHz LPF
0.5
1
%
STEREO S/N
SNS2
Sub Carrier (Non Mod), Cue (Stereo),
15kHz LPF
50
57
dB
-6
-4.5
-3
dBV
Main output level
VOMA2
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
501
595
708
mVrms
Main distortion
THDMA2
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
0.2
0.5
%
Main S/N
SNMA2
Sub Carrier (Non Mod), Cue (Bilingual), 15kHz LPF
55
60
dB
-6
-4.5
-3
dBV
SUB output level
VOSU2
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
501
595
708
mVrms
SUB distortion
THDSU2
fm
= 1kHz, 100% Mod, Cue (Bilingual),
15kHz LPF
0.7
1.5
%
SUB frequency characteristics
FCSU2
fm
= 10kHz/1kHz, 60% Mod, Cue (Bilingual),
15kHz LPF, Pre-emphasis OFF
-18
-14.5
dB
SUB Main S/N
SNSU2
Sub Carrier (Non Mod), Cue (Bilingual), 15kHz LPF
50
58
dB
STEREO separation L
→ R
SEPR2
fm
= 1kHz (L-only), 60% Mod, Cue (Stereo),
15kHz LPF
35
38
dB
STERO separation R
→ L
SEPL2
fm
= 1kHz (R-only), 60% Mod, Cue (Stereo),
15kHz LPF
35
38
dB
Stay behind carrier level (SUB)
CLSU2
Main
= 0%, Sub = 0% (Carrier)
Cue (Bilingual)
-50
-40
dBV
Stay behind carrier level (MAIN)
CLMA2
Main
= 0%, Sub = 0% (Carrier)
Cue (Bilingual)
-55
-45
dBV
Cross-talk MAIN
→ SUB
CTSUB2
Main : fm
= 1kHz, 100% modulation,
Cue (Bilingual), 1kHz BPF
55
62
dB
Cross-talk SUB
→ MAIN
CTMA2
Sub : fm
= 1kHz, 100% modulation,
Cue (Bilingual), 1kHz BPF
55
62
dB
MODE output MONO
MODMO2
Input
= Mono Signal
1.7
2
2.3
V
MODE output STEREO
MODST2
Input
= Stereo Signal
0
1
1.3
V
MODE output BILINGUAL
MODBI2
Input
= Bilingual Signal
2.7
3
3.3
V
Just Clock output High voltage
JCH2
f
= 400Hz (mono), 25%Mod
4
V
Just Clock output Low voltage
JCL2
f
= 400Hz (mono), 10%Mod
1
V
3.3
4.2
dBV
Max Output level
MOL2
f = 1kHz, distortion = 3%
1462
1622
mVrms
-14.5
dBV
EXTERNAL input level
EXTIN2
f = 1kHz, (pin 12 & pin 13 input)
188.4
mVrms




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA72714VAMonolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC 1 2 3 4 5 MoreSanyo Semicon Device
LA72702VAMonolithic Linear IC For US TV BTSC Decoder 1 2 3 4 5 MoreSanyo Semicon Device
LA72702NVMonolithic Linear IC For US TV BTSC Decoder 1 2 3 4 5 MoreSanyo Semicon Device
LA5688HMonolithic Linear IC Multi power supply regulator+1.5ch forward/reverse motor driver 1 2 3 4 5 MoreSanyo Semicon Device
LA76835NM_07Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip 1 2 3 4 5 MoreSanyo Semicon Device
LA76850Monolithic Linear IC Black & White Television IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
AP4512 Channel Linear Controller with Independent Enable Function 1 2 3 4 5 MoreAnachip Corp
LB8681CLMonolithic Digital IC Constant Current Driver IC with H-bridge × 1.5 Channel 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl