Selected language     English  â–¼


LA72715VA Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LA72715VA
Description  Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 11 page
background image
LA72715V, 72715VA
No.A0982-11/12
Mode Select (pin & I
2C setting)
MUTE PIN
setting
I
2C
OUTPUT MODE
READ
MODE OUT
MODE
I/O
Broadcast
signal
8pin
D5
D4
D3
D2
D1
LCH (18pin)
RCH (17pin)
MODE
D8
D7
20pin
L or OPEN
0
0
0
0
0
MAIN
SUB
BOTH
0
1
L or OPEN
0
0
0
0
1
MAIN
MAIN
MAIN
0
1
L or OPEN
0
0
0
1
0
SUB
SUB
SUB
0
1
L or OPEN
0
0
1
*
*
MAIN
MAIN
MONO
0
1
*
*
1
*
*
*
MUTE
MUTE
MUTE
0
1
H
*
*
*
*
*
MUTE
MUTE
MUTE
0
1
Bilingual
L or OPEN
1
0
*
*
*
EXT L
EXT R
EXT
0
1
3V
L or OPEN
0
0
0
*
*
L
R
STEREO
1
0
L or OPEN
0
0
1
*
*
L+R
L+R
MONO
1
0
*
*
1
*
*
*
MUTE
MUTE
MUTE
1
0
H
*
*
*
*
*
MUTE
MUTE
MUTE
1
0
STEREO
L or OPEN
1
0
*
*
*
EXT L
EXT R
EXT
1
0
1V
L or OPEN
0
0
*
*
*
L+R
L+R
MONO
0
0
*
*
1
*
*
*
MUTE
MUTE
MUTE
0
0
H
*
*
*
*
*
MUTE
MUTE
MUTE
0
0
MONO
L or OPEN
1
0
*
*
*
EXT L
EXT R
EXT
0
0
2V
16pin : Slave address select. 0V to 1.5V : A0H, OPEN : 80H, 3.0V to VCC : 84H
Serial Data Specification (I
2C bus communication)
Data bit
MSB
LSB
D8
D7
D6
D5
D4
D3
D2
D1
TEST
SIF or
BASE BAND
JUST
CLK
EXT SOURCE
SELECT
NORMAL OUT
MUTE
Forced
MONO
Bilingual mode select
0 : OFF
1 : ON
0 : SIF
1 : BASE
BAND
0 : OFF
1 : ON
0 : OFF(TV)
1 : EXT
0 : OFF
1 : ON
0 : OFF
1 : ON
00:BILINGUAL
01 : MAIN
10 : SUB
11 : Unusable
Note : Underline shows default setting




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA72714VAMonolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC 1 2 3 4 5 MoreSanyo Semicon Device
LA72702VAMonolithic Linear IC For US TV BTSC Decoder 1 2 3 4 5 MoreSanyo Semicon Device
LA72702NVMonolithic Linear IC For US TV BTSC Decoder 1 2 3 4 5 MoreSanyo Semicon Device
LA5688HMonolithic Linear IC Multi power supply regulator+1.5ch forward/reverse motor driver 1 2 3 4 5 MoreSanyo Semicon Device
LA76835NM_07Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip 1 2 3 4 5 MoreSanyo Semicon Device
LA76850Monolithic Linear IC Black & White Television IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
AP4512 Channel Linear Controller with Independent Enable Function 1 2 3 4 5 MoreAnachip Corp
LB8681CLMonolithic Digital IC Constant Current Driver IC with H-bridge Ă— 1.5 Channel 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl