Selected language     English  ▼


LA72730 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA72730
Description  Monolithic Linear IC For TV Audio/Video Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
LA72730
No.A1059-2/8
Electrical Characteristics at Ta
= 25°C, VDD = 5.0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current dissipation
ICC
VCC = 5V, No signal
15.2
18
20.8
mA
Audio block
Audio input DC voltage
INa
No signal pin 1, 2, 3, 4, 5, 6, 23, 24 DC voltage
2.2
2.4
2.6
V
Audio output DC voltage
Oa
No signal pin 19, 20 DC voltage
2.2
2.4
2.6
V
Audio channel bandwidth
Fa
Input : 1kHz/20kHz, -6dBV : Pin 19, 20 output
-2
0
+2
dB
Audio voltage gain (Audio-out)
Aa1
f = 1kHz, VIN = -6dBV, Pin 19, 20 output
-0.3
0.0
+0.3
dB
Audio voltage gain (Monitor-out)
Aa2
f = 1kHz, VIN = -6dBV, Pin 12, 16 output
3.5
4.0
4.5
dB
Audio input dynamic range
(Audio-out)
Da1
f = 1kHz, THD =
≤1%
Pin 19, 20 output
-3.0
-1.0
dBV
Audio input dynamic range
(Monitor-out)
Da2
f = 1kHz, THD =
≤1%
Pin 13, 16 output
-5.0
-3.0
dBV
Audio channel PSRR
PSa
VCC = 5V+1Vp-p, SINE WAVE (50Hz)
35
50
dB
Audio channel input impedance
Ria
80
100
120
k
Audio channel output impedance
Roa
150
200
250
Audio channel crosstalk
CTa
f = 1kHz
65
80
dB
Audio channel S/N
SNa
Filter = DIN/AUDIO
70
85
dB
Audio channel THD
THDa
f = 1kHz, VIN = -6dBV
0.15
0.3
%
ALC Detect level-1
ALC1
-10.5
-9
-7.5
dBV
ALC Detect level-2
ALC2
-15.5
-14
-12.5
dBV
ALC Detect level-3
ALC3
-13.5
-12
-10.5
dBV
ALC Detect level-4
ALC4
-19.5
-18
-16.5
dBV
Video block
Video input DC voltage
INv
1.44
1.6
1.76
V
Video output DC voltage
Ov
1.26
1.4
1.54
V
Video channel bandwidth
Fv
-3dB frequency
10
MHz
Video signal voltage gain
Av
f = 500kHz, VIN = 1Vp-p
5.0
6.0
7.0
dB
Video input dynamic range
Dv
f = 100kHz, THD
≤ 1%
2.0
2.5
Vp-p
Video channel PSRR
PSv
VCC = 5V+1Vp-p, SINE WAVE (50Hz)
35
50
dB
Video channel input impedance
Riv
8.0
10
12.0
k
Video channel output impedance
Rov
30
40
50
Video channel crosstalk
CTv
f = 3.58MHz, VIN = 1Vp-p
45
60
dB
Video channel noise
SNv
Bandwidth 10MHz
55
60
dB
Package Dimensions
unit : mm (typ)
3067B
1
12
24
13
21.0
0.95
1.78
0.48
0.9
(0.71)
SANYO : DIP24S(300mil)




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA42201Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA75600VAMonolithic Linear IC IF Signal Processing VIF/SIF IC for use in TV/VCR Applications 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA42205Monolithic Linear IC Audio Output for TV application 5W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA76835NM_07Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA42210Monolithic Linear IC Audio Output for TV application BTL 10W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA79200VMonolithic Linear IC For extention of I2C-BUS compatible microcomputer I/O port 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl