Selected language     English  β–Ό


LA72730 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA72730
Description  Monolithic Linear IC For TV Audio/Video Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 4 page
background image
LA72730
No.A1059-4/8
I2C Bit Pattarn
D8
D7
D6
D5
D4
D3
D2
D1
Condition
*
0
0
AV IN-TV
0
1
AV IN-1
1
0
AV IN-2
1
1
AV IN-3
*
0
Norma
1
Mute
0
0
ALC Level-1 (-9dBV)
0
1
ALC Level-2 (-14dBV)
*
1
0
ALC Level-3 (-12dBV)
1
1
ALC Level-4 (-18dBV)
*
0
ALC-ON
1
ALC-OFF
0
Prohibit
*
1
Fix
*
0
Fix
1
Prohibit
β€œ*” : Shows initial condition.
Slave address : 92h (1001 0010)
– 30
– 25
– 20
– 15
– 10
– 5
0
10
5
– 30
– 25
– 20
– 15
– 10
– 5
5
10
0
15
– 30
– 20
– 25
– 15
– 10
– 5
– 15
– 10
– 5
– 20
0
INPUT – dBV
– 30
– 25
0
INPUT – dBV
LINE-OUT
MONITOR
MONIT
OR
ALC-OFF
ALC-3
ALC-2
ALC-4
ALC-1




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA42201Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA75600VAMonolithic Linear IC IF Signal Processing VIF/SIF IC for use in TV/VCR Applications 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA42205Monolithic Linear IC Audio Output for TV application 5W Γ— 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA76835NM_07Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA42210Monolithic Linear IC Audio Output for TV application BTL 10W Γ— 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA79200VMonolithic Linear IC For extention of I2C-BUS compatible microcomputer I/O port 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl