Selected language     English  ▼


LA72730 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA72730
Description  Monolithic Linear IC For TV Audio/Video Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 5 page
background image
LA72730
No.A1059-5/8
Test Circuit
+
+
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LIN-1
0.1
µF
620
LIN-2
0.1
µF
620
LIN-TV
0.1
µF
620
RIN-TV
0.1
µF
1
µF
+
1
µF
620
VIN-TV
AUDIO L OUT
AUDIO R OUT
0.1
µF
75
4dB
ALC FILT
L Monitor out
NC
SDA
SCL
LIN-3
0.1
µF
620
RIN-1
0.1
µF
620
RIN-2
0.1
µF
620
VIDEO OUT
RIN-3
0.1
µF
620
VIN-1
VCC
0.1
µF
75
VCC5V
47
µF
0.1
µF
VIN-2
0.1
µF
75
GND
VIN-3
0.1
µF
75
R Monitor out
4dB
6dB
BUFF
BUFF
REG
DET
MODE
SELECT
ALC
ALC




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA42201Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA75600VAMonolithic Linear IC IF Signal Processing VIF/SIF IC for use in TV/VCR Applications 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA42205Monolithic Linear IC Audio Output for TV application 5W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA76835NM_07Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA42210Monolithic Linear IC Audio Output for TV application BTL 10W × 2ch Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA79200VMonolithic Linear IC For extention of I2C-BUS compatible microcomputer I/O port 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl