Selected language     English  ▼


LA72910V Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part No. LA72910V
Description  Monolithic Linear IC FM Modulator and Demodulator IC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 8 page
background image
LA72910V
No.A0783-8/10
Continued from preceding page.
Pin No.
Pin Name
Description
Equivalent circuit
7
Drop delay
(TC1)
MOD mode: TC1 filter pin. Please connect C1.
7
200
1k
C1
1k
8
Drop Width
(TC2)
MOD mode: TC2 filter pin. Please connect C1.
8
200
C1
1k
9
Stand-by control
Standby control pin.
FM block standby: under 0.4V DC voltage. (0 to 0.4V)
FM block operate: over 2V DC voltage. (2 to 5V)
9
1k
10
FM-DOC-OUT
/2nd-Call control
DEMOD mode: Drop-out output pin. This pin is open
collector output, so please connect pull up resistor.
MOD mode: 2nd-CALL input. 2nd-CALL input: under
0.4V (0 to 0.4V) DC. Normal: over 2V DC voltage. (2 to
5V)
10
1k
11
B-GND
Circuit GND.
12
Emphasis Monitor
/FM-AGC filter
MOD mode: Emphasis monitor pin.
DEMOD mode: FM AGC filter pin.
If FM AGC no need (=AGC Off),
Please set pin12 voltage over 4.5V DC voltage. (4.5 to
5V)
12
10k
500
C1
100k
AGC-DET
EMP MONI
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA7209VMonolithic Linear IC ISO/IEC-14443 proximity RF amplifier for contact-less IC card and tag 1 2 3 4 5 MoreSanyo Semicon Device
LA8160VMonolithic Linear IC AGC Amplifier and Pre Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA8161VMonolithic Linear IC AGC Amplifier and Pre Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA77000VMonolithic Linear IC VHF Band RF Modulator US3 4ch Compatible 1 2 3 4 5 MoreSanyo Semicon Device
LA75525VAMonolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC 1 2 3 4 5 MoreSanyo Semicon Device
LA75710VAMonolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl