Selected language     English  ▼


LA72910V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA72910V
Description  Monolithic Linear IC FM Modulator and Demodulator IC
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
41907 MS PC 20070419-S00005 No.A0783-1/10
LA72910V
Overview
The LA72910V is a FM modulation and demodulation single-chip IC. Its adjustment free modulation/demodulation circuit
significantly reduces the number of peripheral circuits required and can contribute to lower production costs.
Functions
• Video signal FM modulation and demodulation
• Video signal emphasis and de-emphasis function
• Drop-Out detecting function of Video FM signal
• FM mute function at Second-Call
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Allowable power dissipation
Pd max
300
mW
Operating temperature
Topr
Ta
≤ 70°C *
-30 to +70
°C
Storage temperature
Tstg
-40 to +150
°C
When mounted on a 114.3mm
× 76.1mm × 1.6mm, glass epoxy.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5.0
V
Allowable operating voltage range
VCC op
Ta = -30 to +70
°C
4.7 to 5.5
V
Monolithic Linear IC
FM Modulator and
Demodulator IC
Ordering number : ENA0783




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA7209VMonolithic Linear IC ISO/IEC-14443 proximity RF amplifier for contact-less IC card and tag 1 2 3 4 5 MoreSanyo Semicon Device
LA8160VMonolithic Linear IC AGC Amplifier and Pre Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA8161VMonolithic Linear IC AGC Amplifier and Pre Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA77000VMonolithic Linear IC VHF Band RF Modulator US3 4ch Compatible 1 2 3 4 5 MoreSanyo Semicon Device
LA75525VAMonolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC 1 2 3 4 5 MoreSanyo Semicon Device
LA75710VAMonolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl