Selected language     English  ▼


LA73065VA Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. LA73065VA
Description  Monolithic Linear IC For wideband 75Ω Video Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 7 page
background image
LA73065VA
No.A0887-7/9
Continued from preceding page.
Pin No.
Pin name
DC voltage
Signal wave form
Input/Output form
11
Pb/B_IN
Component :
2.3V (Bias)
RGB : 1.8V
(Clamp)
700mVp-p
700mVp-p
2.3V
1.8V
1k
Ω
110
μA
11
500
Ω
Clamp:OFF
Bias:OFF
100k
Ω
1k
Ω
50
μA
12
GND_HD
13
N.C.
14
Pb/B_OUT
Component :
2.4V (Bias)
RGB : 1.3V
(Clamp)
1.4Vp-p
1.4Vp-p
2.4V
1.3V
1.3k
Ω
1.5k
Ω
14
30
Ω
30
Ω
15
GND_DR_HD
16
Py/G_OUT
1.3V
1.4Vp-p
1.3V
1.3V
2.0Vp-p
1.3k
Ω
1.5k
Ω
16
30
Ω
30
Ω
17
N.C.
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA73062VMonolithic Linear IC Video Driver for Wideband 1 2 3 4 5 MoreSanyo Semicon Device
LA73060VMonolithic Linear IC Wideband 75Ω Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA73073CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA73074CLMonolithic Linear IC Video Driver for DSC/Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73076VMonolithic Linear IC Video Driver for DVC/DSC Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73079CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA74310LPMonolithic Linear IC Audio Interface for DSC + Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl