Selected language     English  ▼


LA73065VA Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA73065VA
Description  Monolithic Linear IC For wideband 75Ω Video Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
80807 MS PC 20070703-S00004 No.A0887-1/9
LA73065VA
Overview
This LA73065VA is HD video driver. This IC output Component and RGB. It built in the 12MHz/30MHz-LPF. It is the
best for the filter to remove the digital clock noise of the Component or RGB Analog video signal.
Functions
• Three channel output
• 12MHz or 30MHz low pass filter
• 6dB amplifier
• Output mute
• D_DC_Output
• Standby mode
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
6.0
V
Allowable power dissipation
Pd max
Ta
≤ 75°C *
500
mW
Operating temperature
Topr
-20 to +75
°C
Storage temperature
Tstg
-40 to +150
°C
* : Mounted on a board : 114.3mm
×76.1mm×1.6mm, glass epoxy board.
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5.0
V
Operating supply voltage range
VCC opg
4.75 to 5.25
V
Input pin voltage application range
VIN
-0.3 to VCC opg+0.3
Monolithic Linear IC
For wideband
75
Ω Video Driver
Ordering number : ENA0887




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA73062VMonolithic Linear IC Video Driver for Wideband 1 2 3 4 5 MoreSanyo Semicon Device
LA73060VMonolithic Linear IC Wideband 75Ω Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA73073CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA73074CLMonolithic Linear IC Video Driver for DSC/Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73076VMonolithic Linear IC Video Driver for DVC/DSC Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73079CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA74310LPMonolithic Linear IC Audio Interface for DSC + Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl