Selected language     English  ▼


LA73065VA Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA73065VA
Description  Monolithic Linear IC For wideband 75Ω Video Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
LA73065VA
No.A0887-2/9
Electrical Characteristics at Ta
= 25°C, VCC = 5.0V
Input signal
Out
Parameter
Point
Signal
Level
[Vp-p]
Freq
[Hz]
Point
Conditions
min
typ
max
unit
Current consumption 1
-
-
-
-
-
At no signal.
36
45
54
mA
Current consumption 2
-
-
-
-
-
At no signal. Standby mode.
0.0
0.5
1.0
mA
Internal reference regulator
REG3V
-
-
-
-
T24
2.8
3.0
3.2
V
Video Driver part
Voltage gain 1
Py, R, G, B
T9A
T7A
T9A
T11A
SIG1
0.3
100k
T16
T18
T16
T14
Output gain
5.5
6.0
6.5
dB
Voltage gain 2
Pr, Pb
T7A
T11A
SIG3
0.3
100k
T18
T14
Output gain
5.5
6.0
6.5
dB
Frequency response 1
Py, R, G, B
T9A
T7A
T9A
T11A
SIG1
0.3
12M
T16
T18
T16
T14
12MHz LPF is selected.
f = 12MHz/100kHz
-3
0.0
3
dB
Frequency response 2
Pr, Pb
T7A
T11A
SIG3
0.3
12M
T18
T14
12MHz LPF is selected.
f = 12MHz/100kHz
-3
0.0
3
dB
Frequency response 3
Py, R, G, B
T9A
T7A
T9A
T11A
SIG1
0.3
75M
T16
T18
T16
T14
12MHz LPF is selected.
f = 75MHz/100kHz
-40
-30
dB
Frequency response 4
Pr, Pb
T7A
T11A
SIG3
0.3
75M
T18
T14
12MHz LPF is selected.
f = 75MHz/100kHz
-40
-30
dB
Frequency response 5
Py, R, G, B
T9A
T7A
T9A
T11A
SIG1
0.3
20M
T16
T16
T14
30MHz LPF is selected.
f = 20MHz/100kHz
-1
0.0
1
dB
Frequency response 6
Pr, Pb
T7A
T11A
SIG3
0.3
20M
T18
T14
30MHz LPF is selected.
f = 20MHz/100kHz
-1
0.0
1
dB
Frequency response 7
Py, R, G, B
T9A
T7A
T9A
T11A
SIG1
0.3
30M
T16
T16
T14
30MHz LPF is selected.
f = 30MHz/100kHz
-3.5
-1.0
1.5
dB
Frequency response 8
Pr, Pb
T7A
T11A
SIG3
0.3
30M
T18
T14
30MHz LPF is selected.
f = 30MHz/100kHz
-3.5
-1.0
1.5
dB
Frequency response 9
Py, R, G, B
T9A
T7A
T9A
T11A
SIG1
0.3
75M
T16
T16
T14
30MHz LPF is selected.
f = 75MHz/100kHz
-40
-30
dB
Frequency response 10
Pr, Pb
T7A
T11A
SIG3
0.3
75M
T18
T14
30MHz LPF is selected.
f = 75MHz/100kHz
-40
-30
dB
2nd order distortion 1
Py, R, G, B
T9A
T7A
T9A
T11A
SIG1
0.7
10M
T16
T18
T16
T14
30MHz LPF is selected.
-40
-30
dB
2nd order distortion 2 (HD)
Pr, Pb
T7A
T11A
SIG3
0.7
10M
T18
T14
30MHz LPF is selected.
-40
-30
dB
Amount of mute attenuation 1
Py, R, G, B
T9A
T7A
T9A
T11A
SIG1
0.7
4M
T16
T18
T16
T14
-60
-50
dB
Amount of mute attenuation 2
Pr, Pb
T7A
T11A
SIG3
0.7
4M
T18
T14
-60
-50
dB
Crosstalk between channels 1
Py, R, G, B
T9A
T7A
T9A
T11A
SIG1
0.7
4M
-60
-50
dB
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA73062VMonolithic Linear IC Video Driver for Wideband 1 2 3 4 5 MoreSanyo Semicon Device
LA73060VMonolithic Linear IC Wideband 75Ω Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA73073CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA73074CLMonolithic Linear IC Video Driver for DSC/Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73076VMonolithic Linear IC Video Driver for DVC/DSC Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73079CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA74310LPMonolithic Linear IC Audio Interface for DSC + Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl