Selected language     English  ▼


LA73065VA Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA73065VA
Description  Monolithic Linear IC For wideband 75Ω Video Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 3 page
background image
LA73065VA
No.A0887-3/9
Continued from preceding page.
Input signal
Out
Parameter
Point
Signal
Level
[Vp-p]
Freq
[Hz]
Point
Conditions
min
typ
max
unit
Crosstalk between channels 2
Pr, Pb
T7A
T11A
SIG3
0.7
4M
-60
-50
dB
Video S/N
Py, R, G, B
T9A
T7A
T9A
T11A
SIG2
0.65
T16
T18
T16
T14
VIN = Video (50% White)
30MHz LPF is selected.
The band is between 100kHz
and 30MHz.
-60
-50
dB
G.D.1
Py, R, G, B
T9A
T7A
T9A
T11A
SIG1
0.3
12M
T16
T18
T16
T14
12MHz LPF is selected.
f = 12MHz/100kHz
10
20
ns
G.D.2
Pr, Pb
T7A
T11A
SIG3
0.3
12M
T18
T14
12MHz LPF is selected.
f = 12MHz/100kHz
10
20
ns
G.D.3
Py, R, G, B
T9A
T7A
T9A
T11A
SIG1
0.3
30M
T16
T18
T16
T14
30MHz LPF is selected.
f = 30MHz/100kHz
10
20
ns
G.D.4
Pr, Pb
T7A
T11A
SIG3
0.3
30M
T18
T14
30MHz LPF is selected.
f = 30MHz/100kHz
10
20
ns
Package Dimensions
unit : mm (typ)
3287
SANYO : SSOP24(225mil)
6.5
0.5
(0.5)
24
13
1
12
0.22
0.15




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA73062VMonolithic Linear IC Video Driver for Wideband 1 2 3 4 5 MoreSanyo Semicon Device
LA73060VMonolithic Linear IC Wideband 75Ω Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA73073CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA73074CLMonolithic Linear IC Video Driver for DSC/Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73076VMonolithic Linear IC Video Driver for DVC/DSC Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73079CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA74310LPMonolithic Linear IC Audio Interface for DSC + Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl