Selected language     English  ▼


LA73065VA Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA73065VA
Description  Monolithic Linear IC For wideband 75Ω Video Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 5 page
background image
LA73065VA
No.A0887-5/9
Pin Functions
Pin No.
Pin name
DC voltage
Signal wave form
Input/Output form
1
Power_Save_CTL
5V :
Power_Save_OFF
0V :
Power_Save_ON
1
10k
Ω
100k
Ω
2
D_LINE1_IN
5V : 1125 (1080)
OPEN : 750 (720)
0V : 525 (480)
10k
Ω
2
200k
Ω
3V_REG
200k
Ω
3
D_LINE2_IN
5V : 59.94p/60p
0V : 59.94i/60i
3
10k
Ω
100k
Ω
4
D_LINE3_IN
5V : 16 : 9
OPEN : 4 : 3
Letter Box
0V : 4 : 3
10k
Ω
4
200k
Ω
200k
Ω
5
INPUT_CTL
5V : Clamp
0V : Bias
5
10k
Ω
100k
Ω
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA73062VMonolithic Linear IC Video Driver for Wideband 1 2 3 4 5 MoreSanyo Semicon Device
LA73060VMonolithic Linear IC Wideband 75Ω Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6220PMMonolithic Linear IC For Automotive Applications Rail-to-Rail Dual Operational Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA73073CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA73074CLMonolithic Linear IC Video Driver for DSC/Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73076VMonolithic Linear IC Video Driver for DVC/DSC Cell Phone 1 2 3 4 5 MoreSanyo Semicon Device
LA73079CLMonolithic Linear IC Video Driver for DSC 1 2 3 4 5 MoreSanyo Semicon Device
LA74310LPMonolithic Linear IC Audio Interface for DSC + Video Driver 1 2 3 4 5 MoreSanyo Semicon Device
MM1566Video Signal Driver for DVD Players Monolithic IC 1 2 3 4 5 MoreMitsumi Electronics, Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl