Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA74309TT Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA74309TT
Description  Monolithic Linear IC Microphone Amplifier for Digital Still Camera
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74309TT Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA74309TT Datasheet HTML 1Page - Sanyo Semicon Device LA74309TT Datasheet HTML 2Page - Sanyo Semicon Device LA74309TT Datasheet HTML 3Page - Sanyo Semicon Device LA74309TT Datasheet HTML 4Page - Sanyo Semicon Device LA74309TT Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
82907 TI IM 20061115-S00005 No.A0903-1/5
LA74309TT
Overview
LA74309TT is a microphone amplifier for digital still cameras that have mono audio recording. The analog signal processing
for the recording of the digital still camera or other equipment can be easily composed, because the MIC power supply and
the ALC circuit are built-in. Moreover, the regulator is built-in, therefore external regulator IC is unnecessary.
Features
• Microphone (MIC) amplifier (+20dB)
• MIC power supply with built-in pull-up resistor
• Automatic level control (ALC) amplifier (output level=-1dBV≈2.5Vpp)
• 3rd order LPF (fc=11kHz)
• 3.3V regulator (internal supply voltage: VCCA≈3.0V)
• Standby control (ICC≤10µA)
Specifications
Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply voltage
VCC max
4.0
V
Allowable power dissipation
Pd max
Ta
≤85°C
50
mW
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Ordering number : ENA0903
Monolithic Linear IC
Microphone Amplifier for
Digital Still Camera
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LA74309TT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA74309FA SANYO-LA74309FA Datasheet
120Kb / 5P
   Microphone Amplifier for Digital Still Camera
logo
ON Semiconductor
LA74309FA ONSEMI-LA74309FA Datasheet
93Kb / 5P
   Microphone Amplifier
May, 2013
LA74309FA-BH ONSEMI-LA74309FA-BH Datasheet
93Kb / 5P
   Microphone Amplifier for Digital Still Camera
May, 2013
More results

Similar Description - LA74309TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA74309FA-BH ONSEMI-LA74309FA-BH Datasheet
93Kb / 5P
   Microphone Amplifier for Digital Still Camera
May, 2013
logo
Sanyo Semicon Device
LA74309FA SANYO-LA74309FA Datasheet
120Kb / 5P
   Microphone Amplifier for Digital Still Camera
logo
Texas Instruments
TPS65520 TI-TPS65520 Datasheet
1Mb / 61P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
TPS65520A TI1-TPS65520A Datasheet
1Mb / 61P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
logo
Sanyo Semicon Device
LB8655T SANYO-LB8655T Datasheet
58Kb / 5P
   Monolithic Digital IC Driver for Digital Still Cameras
LB8652T SANYO-LB8652T Datasheet
96Kb / 8P
   Monolithic Digital IC Driver for Digital Still Cameras
logo
Panasonic Semiconductor
AN2905FHQ PANASONIC-AN2905FHQ Datasheet
131Kb / 9P
   Sound input/output interface IC for digital still camera
logo
List of Unclassifed Man...
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
   Clock generator for digital still camera
logo
Rohm
BU2385KN ROHM-BU2385KN Datasheet
59Kb / 5P
   Clock generator for digital still camera
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com