Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85HFR10M Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 85HFR10M
Description  Standard Recovery Diodes, (Stud Version), 85 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

85HFR10M Datasheet(HTML) 5 Page - Vishay Siliconix

  85HFR10M Datasheet HTML 1Page - Vishay Siliconix 85HFR10M Datasheet HTML 2Page - Vishay Siliconix 85HFR10M Datasheet HTML 3Page - Vishay Siliconix 85HFR10M Datasheet HTML 4Page - Vishay Siliconix 85HFR10M Datasheet HTML 5Page - Vishay Siliconix 85HFR10M Datasheet HTML 6Page - Vishay Siliconix 85HFR10M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93529
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 19-Jun-08
5
85HF(R) Series
Standard Recovery Diodes,
(Stud Version), 85 A
Vishay High Power Products
Fig. 8 - Forward Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
Fig. 11 - Forward Voltage Drop Characteristics
(up to 1200 V)
Fig. 12 - Forward Voltage Drop Characteristics
(for 1400 V, 1600 V)
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
25
50
75
100
125
150
1.5
K/W
2 K/
W
3 K/W
5 K/W
10 K/W
0.7
K/
W
1 K/
W
0
20
40
60
80
100
120
140
0
204060
80
100 120 140
DC
180˚
120˚
90˚
60˚
30˚
RMS Limit
Conduction Period
85HF(R) Series
(1400V, 1600V)
Tj = 150˚C
Number Of Equal Amplitude Half Cycle Current Pulses (N)
400
600
800
1000
1200
1400
1600
110
100
85HF(R) Series
Initial Tj = Tj Max.
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Pulse Train Duration (s)
200
400
600
800
1000
1200
1400
1600
1800
0.01
0.1
1
Maximum Non Repetitive Surge Current
85HF(R) Series
Initial Tj = Tj Max.
No Voltage Reapplied
Rated Vrrm Reapplied
Versus Pulse Train Duration.
Instantaneous Forward Voltage (V)
10
100
1000
10000
01
2
3
4
5
6
Tj = 25˚C
Tj = Tj Max.
85HF(R) Series
up to 1200V
1
10
100
1000
0
0.5
1
1.5
2
2.5
Tj = 25˚C
Tj = Tj Max
85HF (R) Series
Instantaneous Forward Voltage (V)


Similar Part No. - 85HFR10M

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
85HFR10M NAINA-85HFR10M Datasheet
78Kb / 1P
   SILICON POWER DIODE
logo
Vishay Siliconix
85HFR10M VISHAY-85HFR10M Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
logo
New Jersey Semi-Conduct...
85HFR10M NJSEMI-85HFR10M Datasheet
116Kb / 4P
   STANDARD RECOVERY DIODES
More results

Similar Description - 85HFR10M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
VS-85HFR VISHAY-VS-85HFR Datasheet
183Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 07-Dec-16
85HF VISHAY-85HF Datasheet
145Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
86HFR80 VISHAY-86HFR80 Datasheet
145Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
VS-85HF40M8 VISHAY-VS-85HF40M8 Datasheet
143Kb / 7P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 12-Feb-14
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com