Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85HF10M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 85HF10M
Description  Standard Recovery Diodes, (Stud Version), 85 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

85HF10M Datasheet(HTML) 3 Page - Vishay Siliconix

  85HF10M Datasheet HTML 1Page - Vishay Siliconix 85HF10M Datasheet HTML 2Page - Vishay Siliconix 85HF10M Datasheet HTML 3Page - Vishay Siliconix 85HF10M Datasheet HTML 4Page - Vishay Siliconix 85HF10M Datasheet HTML 5Page - Vishay Siliconix 85HF10M Datasheet HTML 6Page - Vishay Siliconix 85HF10M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93529
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 19-Jun-08
3
85HF(R) Series
Standard Recovery Diodes,
(Stud Version), 85 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.10
0.08
TJ = TJ maximum
K/W
120°
0.11
0.11
90°
0.13
0.13
60°
0.17
0.17
30°
0.26
0.26
)
A
(
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
130
140
150
160
170
180
0 10 203040 506070 8090 100
30˚
60˚
90˚
120˚
180˚
Conduction Angle
85HF(R) Series (100V to 1200V)
RthJC (DC) = 0.35 K/W
)
A
(
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
130
140
150
160
170
180
020
40
60
80
100 120 140
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
85HF(R) Series (100V to 1200V)
RthJC (DC) = 0.35 K/W
Average Forward Current (A)
100
110
120
130
140
150
0 102030 40506070 80 90 100
30˚
60˚
90˚
120˚
180˚
Conduction Angle
85HF(R) Series (1400V to 1600V)
RthJC (DC) = 0.35 K/W
Average Forward Current (A)
100
110
120
130
140
150
020
40
60
80
100 120 140
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
85HF(R) Series (1400V to 1600V)
RthJC (DC) = 0.35 K/W


Similar Part No. - 85HF10M

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
85HF10M NAINA-85HF10M Datasheet
78Kb / 1P
   SILICON POWER DIODE
logo
Vishay Siliconix
85HF10M VISHAY-85HF10M Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
More results

Similar Description - 85HF10M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
VS-85HFR VISHAY-VS-85HFR Datasheet
183Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 07-Dec-16
85HF VISHAY-85HF Datasheet
145Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
86HFR80 VISHAY-86HFR80 Datasheet
145Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
VS-85HF40M8 VISHAY-VS-85HF40M8 Datasheet
143Kb / 7P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 12-Feb-14
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com