Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11852FV Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB11852FV
Description  Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11852FV Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LB11852FV Datasheet HTML 3Page - Sanyo Semicon Device LB11852FV Datasheet HTML 4Page - Sanyo Semicon Device LB11852FV Datasheet HTML 5Page - Sanyo Semicon Device LB11852FV Datasheet HTML 6Page - Sanyo Semicon Device LB11852FV Datasheet HTML 7Page - Sanyo Semicon Device LB11852FV Datasheet HTML 8Page - Sanyo Semicon Device LB11852FV Datasheet HTML 9Page - Sanyo Semicon Device LB11852FV Datasheet HTML 10Page - Sanyo Semicon Device LB11852FV Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LB11852FV
No.A1112-7/12
Description of Pre-driver Bock
*1 : Power-GND wiring
The SGND is connected to the control circuit power supply system.
*2 : Power stabilization capacitor
For the power stabilization capacitor on the signal side, use a capacitor of 0.1
μF or more. Connect the capacitor
between VCC and GND with a thick and along the shortest possible route.
*3 : Power-side power stabilization capacitor
For the power-side power stabilization capacitor, use a capacitor of 1
μF or more. Connect the capacitor between the
power-side power supply and GND with a thick and along the shortest possible route.
*4 : IN+, IN- pins
Hall signal input pins
Wiring should be short to prevent noise from being carried.
If noise is carried, insert a capacitor between the IN+ and IN- pins.
The Hall input circuit functions as a comparator with hysteresis (15mV).
It also has a soft switch zone with
±30mV (input signal difference voltage).
It is also recommended that the Hall input level should be a minimum of 100mV (p-p).
*5 : CPWM pin
Pin to connect the capacitor used to generate the PWM basic frequency
Use of CP = 200pF causes oscillation at f = 30kHz, which is the basic frequency of PWM.
As this is also used for the current limiter reset signal, a capacitor must be connected even if the speed is not going to
be controlled.
*6 : CT pin
Pin to connect the capacitor used for lock detection
The constant-current charging and constant-current discharging circuits incorporated cause locking when the pin
voltage reaches 3.0V, and releasing the lock protection when it drops to 1.0V.
Connect this pin to the GND when it is not to be used (locking not necessary).
*7 : SENSE pin
Current limiter detection pin
When the pin voltage exceeds 0.21V, the current limiter is activated, and operation enters lower regeneration mode.
Connect this pin to the GND when it is not to be used.
*8 : FG pin
Rotational speed detection pin
This is an open collector output that can detect the rotational speed using the FG output corresponding to the phase
changeover.
Keep this pin open when it is not to be used.


Similar Part No. - LB11852FV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11852FV ONSEMI-LB11852FV Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-MPB-E ONSEMI-LB11852FV-MPB-E Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-MPB-H ONSEMI-LB11852FV-MPB-H Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-TLM-E ONSEMI-LB11852FV-TLM-E Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11852FV-TLM-H ONSEMI-LB11852FV-TLM-H Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
More results

Similar Description - LB11852FV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11850V SANYO-LB11850V Datasheet
117Kb / 14P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
LB11850VA SANYO-LB11850VA Datasheet
117Kb / 14P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
logo
ON Semiconductor
LB11850VA-TLM-H ONSEMI-LB11850VA-TLM-H Datasheet
113Kb / 14P
   For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
May, 2013
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV Datasheet
91Kb / 9P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LB11868V SANYO-LB11868V Datasheet
264Kb / 11P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LB11970FV SANYO-LB11970FV Datasheet
70Kb / 7P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Driver
LB1862MC SANYO-LB1862MC Datasheet
124Kb / 7P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Driver
logo
ARTSCHIP ELECTRONICS CO...
LB11961 ARTSCHIP-LB11961 Datasheet
111Kb / 6P
   Monolithic Digital IC LB11961-Single-Phase Full-Wave Fan Motor Driver
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com