Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87CNQ020ASMPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 87CNQ020ASMPBF
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

87CNQ020ASMPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  87CNQ020ASMPBF Datasheet HTML 1Page - Vishay Siliconix 87CNQ020ASMPBF Datasheet HTML 2Page - Vishay Siliconix 87CNQ020ASMPBF Datasheet HTML 3Page - Vishay Siliconix 87CNQ020ASMPBF Datasheet HTML 4Page - Vishay Siliconix 87CNQ020ASMPBF Datasheet HTML 5Page - Vishay Siliconix 87CNQ020ASMPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94261
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 12-Sep-08
5
87CNQ020APbF
Schottky Rectifier
New Generation 3
D-61 Package, 2 x 40 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (80 A)
2
-
Circuit configuration:
C = Common cathode
3
-
Package:
N = D-61
4
-
Schottky “Q” series
5
-
Voltage rating (020 = 20 V)
6
-
A = D-61-8 package style
7
-
None = Standard production
PbF = Lead (Pb)-free
Standard pack quantity: A = 10 pieces
Device code
5
13
24
67
87
C
N
Q
020
A
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95019
Part marking information
http://www.vishay.com/doc?95030


Similar Part No. - 87CNQ020ASMPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
87CNQ020ASMPBF VISHAY-87CNQ020ASMPBF Datasheet
161Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results

Similar Description - 87CNQ020ASMPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
81CNQ035APBF VISHAY-81CNQ035APBF Datasheet
105Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 27-Oct-08
88CNQ060A VISHAY-88CNQ060A Datasheet
111Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 02-Sep-08
82CNQ030A VISHAY-82CNQ030A Datasheet
122Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Aug-08
80CNQ035APBF VISHAY-80CNQ035APBF_10 Datasheet
161Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF Datasheet
107Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 13-Aug-08
87CNQ020A VISHAY-87CNQ020A Datasheet
131Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
81CNQ035APBF VISHAY-81CNQ035APBF_10 Datasheet
152Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
VS-83CNQ VISHAY-VS-83CNQ Datasheet
164Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF_10 Datasheet
158Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com