Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82D471M100HB2D Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 82D471M100HB2D
Description  Aluminum Capacitors 85 °C, Snap-In, General Purpose
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

82D471M100HB2D Datasheet(HTML) 5 Page - Vishay Siliconix

  82D471M100HB2D Datasheet HTML 1Page - Vishay Siliconix 82D471M100HB2D Datasheet HTML 2Page - Vishay Siliconix 82D471M100HB2D Datasheet HTML 3Page - Vishay Siliconix 82D471M100HB2D Datasheet HTML 4Page - Vishay Siliconix 82D471M100HB2D Datasheet HTML 5Page - Vishay Siliconix 82D471M100HB2D Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
82D
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Snap-In, General Purpose
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42062
226
Revision: 27-Aug-08
Note
• Additional Part Numbers in stock include 82D222M050HD2D, 82D472M050JE2D and 82D681M250MD2D. Many other capacitance ratings
and voltages are available upon request. Please call for a quotation.
200 WVDC at + 85 °C, SURGE = 250V
150.0
82D151M200HA2D
0.866 x 0.984 (22.0 x 25.0)
1012.0
361.0
0.697
1.17
220.0
82D221M200HB2D
0.866 x 1.181 (22.0 x 30.0)
594.0
255.0
0.967
1.48
330.0
82D331M200HD2D
0.866 x 1.575 (22.0 x 40.0)
381.0
165.0
1.35
2.06
220.0
82D221M200JA2D
0.984 x 0.984 (25.0 x 25.0)
625.0
272.0
0.967
1.46
470.0
82D471M200JD2D
0.984 x 1.575 (25.0 x 40.0)
271.0
121.0
1.79
2.68
330.0
82D331M200KA2D
1.181 x 0.984 (30.0 x 25.0)
498.0
192.0
1.21
1.96
470.0
82D471M200KB2D
1.181 x 1.181 (30.0 x 30.0)
294.0
136.0
1.64
2.48
680.0
82D681M200KD2D
1.181 x 1575 (30.0 x 40.0)
221.0
87.0
2.14
3.41
1000.0
82D102M200KE2D
1.181 x 1.969 (30.0 x 50.0)
142.0
67.0
2.89
4.22
820.0
82D821M200MC2D
1.378 x 1.378 (35.0 x 35.0)
189.0
93.0
2.46
3.51
1000.0
82D102M200MD2D
1.378 x 1.575 (35.0 x 40.0)
149.0
74.0
2.88
3.41
250 WVDC at + 85 °C, SURGE = 300V
120.0
82D121M250HA2D
0.866 x 0.984 (22.0 x 25.0)
1077.0
385.0
68.00
1.17
180.0
82D181M250HB2D
0.866 x 1.181 (22.0 x 30.0)
722.0
261.0
88.00
1.52
220.0
82D221M250JB2D
0.984 x 1.181 (25.0 x 30.0)
513.0
189.0
1.13
1.94
330.0
82D331M250JD2D
0.984 x 1.575 (25.0 x 40.0)
382.0
121.0
1.51
2.79
470.0
82D471M250MB2D
1.378 x 1.181 (35.0 x 30.0)
281.0
117.0
1.92
3.07
680.0
82D681M250MD2D
1.378 x 1.575 (35.0 x 40.0)
209.0
74.0
2.43
4.26
1000.0
82D102M250ME2D
1.378 x 1.969 (35.0 x 50.0)
132.0
58.0
3.32
5.21
400 WVDC at + 85°C, SURGE = 450 V
47.0
82D470M400HA2D
0.866 x 0.984 (22.0 x 25.0)
4310.0
2450.0
0.34
0.45
68.0
82D680M400JA2D
0.984 x 0.984 (25.0 x 25.0)
3020.0
1720.0
0.44
0.58
100.0
82D101M400JB2D
0.984 x 1.181 (25.0 x 30.0)
2060.0
1176.0
0.56
0.74
150.0
82D151M400KB2D
1.181 x 1.181 (30.0 x 30.0)
1430.0
820.0
0.76
1.00
220.0
82D221M400KD2D
1.181 x 1.575 (30.0 x 40.0)
820.0
470.0
1.10
1.46
330.0
82D331M400MD2D
1.378 x 1.575 (35.0 x 40.0)
630.0
360.0
1.39
1.85
450 WVDC at + 85°C, SURGE = 500 V
39.0
82D390M450HA2D
0.866 x 0.984 (22.0 x 25.0)
4690.0
2460.0
0.32
0.45
56.0
82D560M450JA2D
0.984 x 0.984 (25.0 x 25.0)
3280.0
1730.0
0.42
0.58
100.0
82D101M450JC2D
0.984 x 1.378 (25.0 x 35.0)
1730.0
915.0
0.65
0.89
150.0
82D151M450KC2D
1.181 x 1.378 (30.0 x 35.0)
1150.0
610.0
0.89
1.22
220.0
82D221M450MC2D
1.378 x 1.378 (35.0 x 35.0)
870.0
460.0
1.14
1.56
330.0
82D331M450ME2D
1.378 x 1.969 (35.0 x 50.0)
510.0
274.0
1.68
2.29
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR at 25 °C (m
Ω)
MAX. RIPPLE at + 85 °C (A)
120 HZ
20 to 40 kHZ
120 HZ
20 to 40 kHZ


Similar Part No. - 82D471M100HB2D

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
82D YUANDEAN-82D Datasheet
334Kb / 2P
   DC-DC Converter
82D-05D15RNNL YUANDEAN-82D-05D15RNNL Datasheet
334Kb / 2P
   DC-DC Converter
82D-05S05RNNL YUANDEAN-82D-05S05RNNL Datasheet
334Kb / 2P
   DC-DC Converter
82D-05S12RNNL YUANDEAN-82D-05S12RNNL Datasheet
334Kb / 2P
   DC-DC Converter
82D-12D12RNNL YUANDEAN-82D-12D12RNNL Datasheet
334Kb / 2P
   DC-DC Converter
More results

Similar Description - 82D471M100HB2D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
500D VISHAY-500D Datasheet
89Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
Revision: 16-Apr-13
500D VISHAY-500D_V01 Datasheet
91Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
01-Jan-2022
logo
Cornell Dubilier Electr...
AVS226M04A12T CDE-AVS226M04A12T Datasheet
303Kb / 5P
   SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com