Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90SQ035 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 90SQ035
Description  Schottky Rectifier, 9 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

90SQ035 Datasheet(HTML) 1 Page - Vishay Siliconix

  90SQ035 Datasheet HTML 1Page - Vishay Siliconix 90SQ035 Datasheet HTML 2Page - Vishay Siliconix 90SQ035 Datasheet HTML 3Page - Vishay Siliconix 90SQ035 Datasheet HTML 4Page - Vishay Siliconix 90SQ035 Datasheet HTML 5Page - Vishay Siliconix 90SQ035 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93417
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 07-Nov-08
1
Schottky Rectifier, 9 A
90SQ... Series
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free plating
• Designed and qualified for industrial level
DESCRIPTION
The 90SQ axial leaded Schottky rectifier series has been
optimized for very low forward voltage drop, with moderate
leakage. The proprietary barrier technology allows for
reliable operation up to 150 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
IF(AV)
9 A
VR
30/35/40/45 V
DO-204AR
Cathode
Anode
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
9
A
VRRM
Range
30 to 45
V
IFSM
tp = 5 µs sine
2150
A
VF
9 Apk, TJ = 125 °C
0.42
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
90SQ030
90SQ035
90SQ040
90SQ045
UNITS
Maximum DC reverse voltage
VR
30
35
40
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 69 °C, rectangular waveform
9
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
2150
10 ms sine or 6 ms rect. pulse
340
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1.8 A, L = 7.4 mH
12
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by, TJ maximum VA = 1.5 x VR typical
1.8
A


Similar Part No. - 90SQ035

ManufacturerPart #DatasheetDescription
logo
International Rectifier
90SQ035 IRF-90SQ035 Datasheet
124Kb / 5P
   SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
90SQ035 NJSEMI-90SQ035 Datasheet
142Kb / 1P
   Schottky Rectifiers
90SQ035 NJSEMI-90SQ035 Datasheet
59Kb / 1P
   Schottky Rectifiers
90SQ035 NJSEMI-90SQ035 Datasheet
59Kb / 1P
   Schottky Rectifiers
90SQ035 NJSEMI-90SQ035 Datasheet
59Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 90SQ035

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95SQ015 VISHAY-95SQ015 Datasheet
105Kb / 6P
   Schottky Rectifier, 9 A
Revision: 07-Nov-08
VS-90SQ045 VISHAY-VS-90SQ045 Datasheet
134Kb / 7P
   Schottky Rectifier, 9 A
Revision: 19-Sep-11
95SQ015 VISHAY-95SQ015_12 Datasheet
142Kb / 7P
   Schottky Rectifier, 9 A
Revision: 09-Sep-11
VS-90SQ VISHAY-VS-90SQ Datasheet
134Kb / 7P
   Schottky Rectifier, 9 A
Revision: 19-Sep-11
logo
International Rectifier
95SQ015 IRF-95SQ015 Datasheet
124Kb / 5P
   SCHOTTKY RECTIFIER 9 Amp
logo
Vishay Siliconix
241NQ045R VISHAY-241NQ045R Datasheet
119Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
10BQ100PBF VISHAY-10BQ100PBF_10 Datasheet
114Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
6TQ045 VISHAY-6TQ045 Datasheet
111Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
10MQ060NPBF VISHAY-10MQ060NPBF Datasheet
105Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
10MQ100NPBF VISHAY-10MQ100NPBF Datasheet
98Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com