Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F5N62B Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC87F5N62B
Description  CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5N62B Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC87F5N62B Datasheet HTML 1Page - Sanyo Semicon Device LC87F5N62B Datasheet HTML 2Page - Sanyo Semicon Device LC87F5N62B Datasheet HTML 3Page - Sanyo Semicon Device LC87F5N62B Datasheet HTML 4Page - Sanyo Semicon Device LC87F5N62B Datasheet HTML 5Page - Sanyo Semicon Device LC87F5N62B Datasheet HTML 6Page - Sanyo Semicon Device LC87F5N62B Datasheet HTML 7Page - Sanyo Semicon Device LC87F5N62B Datasheet HTML 8Page - Sanyo Semicon Device LC87F5N62B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
31908HKIM 20080117-S00006 No. A1035-1/25
Ver.1.00
LC87F5N62B
Overview
The SANYO LC87F5N62B is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle time
of 83.3ns, integrate on a single chip a number of hardware features such as 66K-byte flash ROM (onboard rewritable),
2048byte RAM, Onchip debugging function, sophisticated 16-bit timers/counters (may be divided into 8-bit timers), a
16-bit timer/counter (may be divided into 8-bit timers/counters or 8-bit PWMs), four 8-bit timers with a prescaler, a base
timer serving as a time-of-day clock, a high-speed clock counter, two synchronous SIO ports (with automatic block
transmission/reception capabilities), an asynchronous/synchronous SIO port, two UART ports (full duplex), four 12-bit
PWM channels, an 8-bit 15-channel AD converter, a system clock frequency divider, and a 29-source 10-vector interrupt
feature.
Features
Flash ROM
• Capable of on-board-programing with wide range, 2.7 to 5.5V, of voltage source
• Block-erase in 128-byte units
• 67584 × 8 bits ( Address: 00000H to 0FFFFH, 1F800H to 1FFFFH)
RAM
• 2048 × 9 bits
Minimum Bus Cycle Time
• 83.3ns (12MHz)
VDD=2.8 to 5.5V
• 125ns (8MHz)
VDD=2.5 to 5.5V
• 500ns (2MHz)
VDD=2.2 to 5.5V
Note: Bus cycle time indicates the speed to read ROM.
Ordering number : ENA1035
CMOS IC
FROM 66K byte, RAM 2048 byte on-chip
8-bit 1-chip Microcontroller
* This product is licensed from Silicon Storage Technology, Inc. (USA), and manufactured and sold by
SANYO Semiconductor Co., Ltd.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LC87F5N62B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F5N62B ONSEMI-LC87F5N62B Datasheet
178Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F5N62B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5LP6A SANYO-LC87F5LP6A Datasheet
176Kb / 28P
   CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com