Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90SQ040 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 90SQ040
Description  Schottky Rectifier, 9 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

90SQ040 Datasheet(HTML) 4 Page - Vishay Siliconix

  90SQ040 Datasheet HTML 1Page - Vishay Siliconix 90SQ040 Datasheet HTML 2Page - Vishay Siliconix 90SQ040 Datasheet HTML 3Page - Vishay Siliconix 90SQ040 Datasheet HTML 4Page - Vishay Siliconix 90SQ040 Datasheet HTML 5Page - Vishay Siliconix 90SQ040 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93417
4
Revision: 07-Nov-08
90SQ... Series
Vishay High Power Products
Schottky Rectifier, 9 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
95
105
115
125
135
145
155
0
2
4
6
8
10
12
14
DC
AverageForwardCurrent -I
(A)
F(AV)
90SQ
R
(DC)=8.0°C/W
thJL
=1/8inch
0
1
2
3
4
5
6
02468
10
12
14
DC
F(AV)
D=0.08
D=0.17
D=0.25
D=0.33
D=0.50
RMSLimit
AverageForwardCurrent -I
(A)
100
1000
10000
10
100
1000
10000
p
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t
(microsec)
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 90SQ040

ManufacturerPart #DatasheetDescription
logo
International Rectifier
90SQ040 IRF-90SQ040 Datasheet
124Kb / 5P
   SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
90SQ040 NJSEMI-90SQ040 Datasheet
142Kb / 1P
   Schottky Rectifiers
90SQ040 NJSEMI-90SQ040 Datasheet
59Kb / 1P
   Schottky Rectifiers
90SQ040 NJSEMI-90SQ040 Datasheet
59Kb / 1P
   Schottky Rectifiers
logo
Sangdest Microelectroni...
90SQ040 SMC-90SQ040 Datasheet
130Kb / 5P
   SCHOTTKY RECTIFIER
More results

Similar Description - 90SQ040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95SQ015 VISHAY-95SQ015 Datasheet
105Kb / 6P
   Schottky Rectifier, 9 A
Revision: 07-Nov-08
VS-90SQ045 VISHAY-VS-90SQ045 Datasheet
134Kb / 7P
   Schottky Rectifier, 9 A
Revision: 19-Sep-11
95SQ015 VISHAY-95SQ015_12 Datasheet
142Kb / 7P
   Schottky Rectifier, 9 A
Revision: 09-Sep-11
VS-90SQ VISHAY-VS-90SQ Datasheet
134Kb / 7P
   Schottky Rectifier, 9 A
Revision: 19-Sep-11
logo
International Rectifier
95SQ015 IRF-95SQ015 Datasheet
124Kb / 5P
   SCHOTTKY RECTIFIER 9 Amp
logo
Vishay Siliconix
241NQ045R VISHAY-241NQ045R Datasheet
119Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
10BQ100PBF VISHAY-10BQ100PBF_10 Datasheet
114Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
6TQ045 VISHAY-6TQ045 Datasheet
111Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
10MQ060NPBF VISHAY-10MQ060NPBF Datasheet
105Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
10MQ100NPBF VISHAY-10MQ100NPBF Datasheet
98Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com