Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

95PF140W Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 95PF140W
Description  Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

95PF140W Datasheet(HTML) 5 Page - Vishay Siliconix

  95PF140W Datasheet HTML 1Page - Vishay Siliconix 95PF140W Datasheet HTML 2Page - Vishay Siliconix 95PF140W Datasheet HTML 3Page - Vishay Siliconix 95PF140W Datasheet HTML 4Page - Vishay Siliconix 95PF140W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 95PF140W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95PF140W VISHAY-95PF140W Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
More results

Similar Description - 95PF140W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95PF40 VISHAY-95PF40_12 Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
95PF140 VISHAY-95PF140_12 Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
VS-95PF VISHAY-VS-95PF Datasheet
169Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 95 A
Revision: 04-Dec-14
95PF40 VISHAY-95PF40 Datasheet
131Kb / 6P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 01-Oct-08
VS-95PF VISHAY-VS-95PF_V01 Datasheet
209Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (DO-203AB) (Stud Version), 95 A
01-Jan-2022
VS-50PFW VISHAY-VS-50PFW Datasheet
165Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 04-Dec-14
50PF40 VISHAY-50PF40 Datasheet
149Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
80PF40 VISHAY-80PF40 Datasheet
129Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
VS50PF VISHAY-VS50PF Datasheet
185Kb / 8P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 11-Jan-18
80PF40 VISHAY-80PF40_12 Datasheet
171Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com