Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

95PFR120 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 95PFR120
Description  Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

95PFR120 Datasheet(HTML) 4 Page - Vishay Siliconix

  95PFR120 Datasheet HTML 1Page - Vishay Siliconix 95PFR120 Datasheet HTML 2Page - Vishay Siliconix 95PFR120 Datasheet HTML 3Page - Vishay Siliconix 95PFR120 Datasheet HTML 4Page - Vishay Siliconix 95PFR120 Datasheet HTML 5Page - Vishay Siliconix 95PFR120 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93532
4
Revision: 01-Oct-08
95PF(R)...(W) Series
Vishay High Power Products
Standard Recovery Diodes
Generation 2 DO-5 (Stud Version), 95 A
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
30
60
90
120
150
180
1 K/
W
2 K/
W
5 K/W
1.5
K/
W
3 K/W
0
20
40
60
80
100
120
140
160
030
60
90
120
150
RMS Limit
Conduction Period
180°
120°
90°
60°
30°
95PF(R) Series
Tj = 180°C
DC
Number Of Equal Amplitude Half Cycle Current Pulses (N)
400
600
800
1000
1200
1400
1600
1800
110
100
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
95PF(R) Series
Initial Tj = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
Pulse Train Duration (s)
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
95PF(R) Series
Initial Tj = 150°C
No Voltage Reapplied
Rated Vrrm Reapplied
Instantaneous Forward Voltage (V)
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
Tj = 25°C
95PF(R) Series
Tj = 180°C
Square Wave Pulse Duration (s)
0.01
0.1
1
0.0001 0.001
0.01
0.1
1
10
Steady State Value
RthJC = 0.27 K/W
(DC Operation)
95PF(R) Series


Similar Part No. - 95PFR120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95PFR120 VISHAY-95PFR120 Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
logo
International Rectifier
95PFR120W IRF-95PFR120W Datasheet
93Kb / 7P
   STANDARD RECOVERY DIODES GEN II DO5
logo
Vishay Siliconix
95PFR120W VISHAY-95PFR120W Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
More results

Similar Description - 95PFR120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
95PF40 VISHAY-95PF40_12 Datasheet
172Kb / 9P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
95PF140 VISHAY-95PF140_12 Datasheet
142Kb / 8P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 20-May-09
VS-95PF VISHAY-VS-95PF Datasheet
169Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 95 A
Revision: 04-Dec-14
95PF140 VISHAY-95PF140 Datasheet
101Kb / 5P
   Standard Recovery Diodes Generation 2 DO-5 (Stud Version), 95 A
Revision: 01-Oct-08
VS-95PF VISHAY-VS-95PF_V01 Datasheet
209Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (DO-203AB) (Stud Version), 95 A
01-Jan-2022
VS-50PFW VISHAY-VS-50PFW Datasheet
165Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 04-Dec-14
50PF40 VISHAY-50PF40 Datasheet
149Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 01-Oct-08
80PF40 VISHAY-80PF40 Datasheet
129Kb / 6P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
VS50PF VISHAY-VS50PF Datasheet
185Kb / 8P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 50 A
Revision: 11-Jan-18
80PF40 VISHAY-80PF40_12 Datasheet
171Kb / 9P
   Standard Recovery Diodes, Generation 2 DO-5 (Stud Version), 80 A
Revision: 20-May-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com