Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC871H92A Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC871H92A
Description  CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC871H92A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC871H92A Datasheet HTML 7Page - Sanyo Semicon Device LC871H92A Datasheet HTML 8Page - Sanyo Semicon Device LC871H92A Datasheet HTML 9Page - Sanyo Semicon Device LC871H92A Datasheet HTML 10Page - Sanyo Semicon Device LC871H92A Datasheet HTML 11Page - Sanyo Semicon Device LC871H92A Datasheet HTML 12Page - Sanyo Semicon Device LC871H92A Datasheet HTML 13Page - Sanyo Semicon Device LC871H92A Datasheet HTML 14Page - Sanyo Semicon Device LC871H92A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LC871HC4A/92A
No.A1188-11/27
Power Pin Treatment
Connect the IC as shown below to minimize the noise input to the VDD1 pin. and extend the backup period. Be sure to
electrically short the VSS1, VSS2, and VSS3 pins.
Example 1: When the microcontroller is in the backup state in the HOLD mode, the power to sustain the high level of
output ports is supplied by their backup capacitors.
Example 2: The high level output at ports is not sustained and unstable in the HOLD backup mode.
VSS1 VSS2 VSS3
VDD1
VDD2
VDD3
Power
supply
For backup
LSI
LSI
VSS1VSS2VSS3
VDD1
VDD2
VDD3
Power
supply
For backup


Similar Part No. - LC871H92A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC871H96A SANYO-LC871H96A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
More results

Similar Description - LC871H92A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com