Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1337 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # ENA1337
Description  CMOS LSI FM tuner IC for VICS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1337 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button ENA1337 Datasheet HTML 7Page - Sanyo Semicon Device ENA1337 Datasheet HTML 8Page - Sanyo Semicon Device ENA1337 Datasheet HTML 9Page - Sanyo Semicon Device ENA1337 Datasheet HTML 10Page - Sanyo Semicon Device ENA1337 Datasheet HTML 11Page - Sanyo Semicon Device ENA1337 Datasheet HTML 12Page - Sanyo Semicon Device ENA1337 Datasheet HTML 13Page - Sanyo Semicon Device ENA1337 Datasheet HTML 14Page - Sanyo Semicon Device ENA1337 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LC01700PW
No.A1337-11/18
8-3. Consecutive register • data writing
Continuous data transmission after transmission of initially-set address data of register • data writing sequence enables
writing of data in the consecutive register • data area. In this case, the register • address increases by one address from
the initially-set address of the sequence and continues increasing till the "Stop" condition (P) is generated.
8-4. Consecutive register • data reading
When the master returns ACK (0 data) after reading of the initial register • address • data of read sequence, the register
• address increases by one address, enabling consecutive reading of data corresponding to each register address. If the
master does not return ACK (0 data), the register address does not increase.
S
111001000
0000
1/0 1/0 1/0 1/0
0
START condition
SDA
Slave address
Register address
ACK
1/0 1/0 1/0 1/0 1/0 1/0 1/0 1/0
0
1/0 1/0 1/0 1/0 1/0 1/0 1/0 1/0
0
Register data (of Register address)
ACK Register data (of Register address+1) ACK
Write
Invalid address
ACK
1/0 1/0 1/0 1/0 1/0 1/0 1/0
From master to slave
From slave to master
1/0
0
0
P
Register data (of Register address+2) ACK Register data (of Register address+n) ACK STOP condition
S
111001000
0000
1/0 1/0 1/0 1/0
0
START condition
SDA
Slave address
Register address
ACK
Sr
111001010
1/0 1/0 1/0 1/0 1/0 1/0 1/0 1/0
0
Slave address
ACK
Repeated START condition
Register data (of Register address)
ACK
Write
Read
Invalid address
ACK
0
1/0 1/0 1/0 1/0 1/0 1/0
From master to slave
From slave to master
1/0 1/0
0
1
P
Register data (of Register address+1) ACK
ACK
Register data (of Register address+n) NACK STOP condition


Similar Part No. - ENA1337

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1330 SANYO-ENA1330 Datasheet
100Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM(64k EEPROM)
ENA1331A SANYO-ENA1331A Datasheet
441Kb / 7P
   General-Purpose Switching Device Applications
ENA1334B SANYO-ENA1334B Datasheet
539Kb / 7P
   General-Purpose Switching Device Applications
ENA1335 SANYO-ENA1335 Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
ENA1335B ONSEMI-ENA1335B Datasheet
235Kb / 24P
   8-bit Microcontroller
September, 2014 Ver. 1.02
More results

Similar Description - ENA1337

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LV24230LP SANYO-LV24230LP Datasheet
133Kb / 17P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FM Tuner IC
LC80101M SANYO-LC80101M Datasheet
162Kb / 9P
   VICS LSI
LV24010LP SANYO-LV24010LP Datasheet
446Kb / 18P
   Bi-CMOS LSI Compact Portable Equipment 1-Chip FMRDS Tuner IC
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC01707PLF SANYO-LC01707PLF Datasheet
283Kb / 18P
   FM multiple tuner IC
LV24100LP SANYO-LV24100LP Datasheet
199Kb / 18P
   Bi-CMOS IC FM and AM Tuner IC for Small Portable Equipment
logo
ON Semiconductor
LC01707PLF ONSEMI-LC01707PLF Datasheet
207Kb / 18P
   FM multiple tuner IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com