Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0906A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA0906A
Description  CMOS IC Monaural CODECAudio I/F Video driver IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA0906A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA0906A Datasheet HTML 1Page - Sanyo Semicon Device ENA0906A Datasheet HTML 2Page - Sanyo Semicon Device ENA0906A Datasheet HTML 3Page - Sanyo Semicon Device ENA0906A Datasheet HTML 4Page - Sanyo Semicon Device ENA0906A Datasheet HTML 5Page - Sanyo Semicon Device ENA0906A Datasheet HTML 6Page - Sanyo Semicon Device ENA0906A Datasheet HTML 7Page - Sanyo Semicon Device ENA0906A Datasheet HTML 8Page - Sanyo Semicon Device ENA0906A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LC074146LP
No.A0906-3/31
Circuit Block Diagram
MCLKO
VIDEOOUT
to Speaker
Select
MICINP
MICINN
MICOUT
LOUT2
SPKIN
VIDEOIN
SPOUTN
SPOUTP
BEEP
-6/0dB
0dB
MIC Power
VREF1
REG
VREF2
LPF
MIC
Pre-Amp
MIC
ALC/Limiter
DAC
16bit
LOUT1
D_VOL
FLT
• HPF
• Notch
• HSF
Inter
-Face
ALCIN
Serial IF
/Register/
SCK
SDA
PDNB
CSB
MCLKIN
BCLK
LRCLK
ADOUT
PLL
DAIN
a
b
a
b
a
b
256fs
fs
32fs
64fs
1/1
1/2
MAX:27MHz
MAX:13.5MHz
ADC
16bit
ALC
cont.
VREF
1/8,1/4
1/256
PGA
B
n
B
Audio_Format IF
(I
2S,
Left-justified mode,
Right-justified mode)
BCLK: 64fs/32fs
AMP
control
+12dB
MPU
MCLKO(system clock)
MAX: 256fs=256
×48kHz
=12.288MHz


Similar Part No. - ENA0906A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0903 SANYO-ENA0903 Datasheet
69Kb / 5P
   Monolithic Linear IC Microphone Amplifier for Digital Still Camera
ENA0908 SANYO-ENA0908 Datasheet
105Kb / 10P
   CMOS IC Audio CODEC with Video Driver
More results

Similar Description - ENA0906A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC0710LG SANYO-LC0710LG Datasheet
432Kb / 36P
   Monaural CODEC Audio I/F Video Driver
LC07410LG SANYO-LC07410LG Datasheet
479Kb / 36P
   Monaural CODEC Audio I/F Video Driver
LC07424LP SANYO-LC07424LP Datasheet
637Kb / 32P
   CMOS IC Audio CODEC with Video Driver
LC07422T SANYO-LC07422T Datasheet
105Kb / 10P
   CMOS IC Audio CODEC with Video Driver
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
Asahi Kasei Microsystem...
AK4571 AKM-AK4571 Datasheet
309Kb / 54P
   USB I/F Audio CODEC
logo
Sanyo Semicon Device
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
logo
Rohm
BU7812KN ROHM-BU7812KN Datasheet
299Kb / 5P
   Monaural audio interface with CODEC
logo
Sanyo Semicon Device
LV4991TT SANYO-LV4991TT Datasheet
189Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
logo
Toshiba Semiconductor
TA8164P TOSHIBA-TA8164P Datasheet
338Kb / 9P
   3V MONAURAL RADIO IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com