Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5277A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5277A
Description  UHF to S-Band Low-Noise Amplifier OSC Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5277A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5277A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 5Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC5277A
No. A1075-4/6
S Parameters
S11e
f=200MHz to 2000MHz(200MHz Step)
S21e
f=200MHz to 2000MHz(200MHz Step)
S12e
f=200MHz to 2000MHz(200MHz Step)
S22e
f=200MHz to 2000MHz(200MHz Step)
j50
j25
j10
0
10
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100 150 250
50
90
°
120
°
150
°
±180°
--150
°
--120
°
--90
°
--30
°
--60
°
0
30
°
90
°
120
°
150
°
±180°
--150
°
--120
°
--90
°
--30
°
--60
°
0
60
°
30
°
j50
j25
j10
0
10
25
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150
250
50
ITR08222
ITR08223
ITR08224
ITR08225
25
VCE=2V
IC=3mA
V
CE
=1V
IC =1mA
16 20
12
8
4
0.04 0.08
0.16
0.12
0.2
60
°
2.0GHz
2.0GHz
2.0GHz
VCE=1V
IC=1mA
V CE
=2V
I C
=3mA
0.2GHz
0.2GHz
0.2GHz
V
CE =5V
I
C =10mA
VCE
=5V
IC=5mA
V CE
=2V
I C
=3mA
VCE=1V
IC=1mA
2.0GHz
2.0GHz
VCE=5V
IC=5mA
VCE=5V
IC=10mA
VCE=2V
IC=3mA


Similar Part No. - 2SC5277A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5277A SANYO-2SC5277A Datasheet
524Kb / 8P
   UHF to S-Band Low-Noise Amplifier OSC Applications
logo
ON Semiconductor
2SC5277A ONSEMI-2SC5277A Datasheet
518Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
2SC5277A-2-TL-E ONSEMI-2SC5277A-2-TL-E Datasheet
518Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
logo
Sanyo Semicon Device
2SC5277A SANYO-2SC5277A_12 Datasheet
524Kb / 8P
   UHF to S-Band Low-Noise Amplifier OSC Applications
More results

Similar Description - 2SC5277A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
   UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5245A SANYO-2SC5245A Datasheet
63Kb / 6P
   UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5277A SANYO-2SC5277A_12 Datasheet
524Kb / 8P
   UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5534 SANYO-2SC5534 Datasheet
44Kb / 5P
   UHF to S Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
   UHF to S-Band Low-Noise Amplifier, OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5645 SANYO-2SC5645 Datasheet
32Kb / 6P
   UHF to S Band Low-Noise Amplifier and OSC Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com