Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC877680B Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC877680B
Description  CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877680B Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC877680B Datasheet HTML 6Page - Sanyo Semicon Device LC877680B Datasheet HTML 7Page - Sanyo Semicon Device LC877680B Datasheet HTML 8Page - Sanyo Semicon Device LC877680B Datasheet HTML 9Page - Sanyo Semicon Device LC877680B Datasheet HTML 10Page - Sanyo Semicon Device LC877680B Datasheet HTML 11Page - Sanyo Semicon Device LC877680B Datasheet HTML 12Page - Sanyo Semicon Device LC877680B Datasheet HTML 13Page - Sanyo Semicon Device LC877680B Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LC877696B/80B/64B/48B
No.A0965-10/25
Continued from preceding page.
Pin Name
I/O
Description
Option
PORT8
P80 to P87
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Shared pins
AD converter input ports: AN0 to AN7
Small signal detector input port: MICIN (P87)
No
S0/PA0 to
S7/PA7
I/O
• Segment output for LCD
• Can be used as general-purpose I/O port (PA)
No
S8/PB0 to
S15/PB7
I/O
• Segment output for LCD
• Can be used as general-purpose I/O port (PB)
No
S16/PC0 to
S23/PC7
I/O
• Segment output for LCD
• Can be used as general-purpose I/O port (PC)
No
S24/PD0 to
S31/PD7
I/O
• Segment output for LCD
• Can be used as general-purpose I/O port (PD)
No
COM0/PL0 to
COM3/PL3
I/O
• Common output for LCD
• Can be used as general-purpose input port (PL)
No
V1/PL4 to
V3/PL6
I/O
• LCD drive bias power supply
• Can be used as general-purpose input port (PL)
• Shared pins
No
RES
Input
Reset pin
No
XT1
Input
• 32.768kHz crystal oscillator input pin
• Shared pins
General-purpose input port
Must be connected to VDD1 if not to be used.
AD converter input port: AN10
No
XT2
I/O
• 32.768kHz crystal oscillator output pin
• Shared pins
General-purpose I/O port
Must be set for oscillation and kept open if not to be used.
AD converter input port: AN11
No
CF1
Input
Ceramic resonator input pin
No
CF2
Output
Ceramic resonator output pin
No


Similar Part No. - LC877680B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC877680B SANYO-LC877680B Datasheet
183Kb / 25P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC877680B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC871HC4A SANYO-LC871HC4A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F5R96B SANYO-LC87F5R96B Datasheet
163Kb / 22P
   CMOS ICFROM 98K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com