Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25FU406B Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LE25FU406B
Description  CMOS IC 4M-bit (512K횞8) Serial Flash Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FU406B Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LE25FU406B Datasheet HTML 1Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 2Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 3Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 4Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 5Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 6Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 7Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 8Page - Sanyo Semicon Device LE25FU406B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LE25FU406B
No.A1066-5/22
Table 2 Command Settings
Command
1st bus cycle
2nd bus cycle
3rd bus cycle
4th bus cycle
5th bus cycle
6th bus cycle
Nth bus cycle
03h
A23-A16
A15-A8
A7-A0
Read
0Bh
A23-A16
A15-A8
A7-A0
X
Small sector erase
D7h
A23-A16
A15-A8
A7-A0
Sector erase
D8h
A23-A16
A15-A8
A7-A0
Chip erase
C7h
Page program
02h
A23-A16
A15-A8
A7-A0
PD *1
PD *1
PD *1
Write enable
06h
Write disable
04h
Power down
B9h
Status register read
05h
Status register write
01h
DATA
Read silicon ID 1 *2
9Fh
Read silicon ID 2 *3
ABh
X
X
A7-A0
Exit power down mode
ABh
Explanatory notes for Table 2
"X" signifies "don't care" (that is to say, any value may be input).
The "h" following each code indicates that the number given is in hexadecimal notation.
Addresses A23 to A19 for all commands are "Don't care".
In order for commands other than the read command to be recognized, CS must rise after all the bus cycle input.
*1: "PD" stands for page program data. Any amount of data from 1 to 256 bytes in 1-byte unit is input.
*2: Of the two silicon ID commands, it is for the command with the 9Fh setting that the manufacturer code 62h is first
output. For as long as the clock input is continued, 1Eh of the device code is output continuously, followed by the
repeated output of 62h and 1Eh.
*3: Of the two silicon ID commands, it is for the command with the ABh setting that manufacturer code 62h is first
output when address A0 is "0", and the device code 1Eh is first output when address A0 is "1".
Addresses A7 to A1 are "don't care". For as long as the clock input is continued, 62h and 1Eh are repeatedly
output.


Similar Part No. - LE25FU406B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FU406B SANYO-LE25FU406B Datasheet
198Kb / 21P
   4M-bit (512K횞8) Serial Flash Memory
LE25FU406B SANYO-LE25FU406B_10 Datasheet
198Kb / 21P
   4M-bit (512K횞8) Serial Flash Memory
More results

Similar Description - LE25FU406B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25U40CMC SANYO-LE25U40CMC Datasheet
180Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
LE25FS406 SANYO-LE25FS406 Datasheet
204Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25U40CQH SANYO-LE25U40CQH Datasheet
182Kb / 23P
   4M-bit (512K횞8) Serial Flash Memory
LE25FU406B SANYO-LE25FU406B_10 Datasheet
198Kb / 21P
   4M-bit (512K횞8) Serial Flash Memory
LE25FW403A SANYO-LE25FW403A_11 Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
LE25FW418A SANYO-LE25FW418A Datasheet
324Kb / 27P
   4M-bit (512K횞8) Serial Flash Memory with High-Density Read Mode
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
   4M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
logo
Macronix International
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com