Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30BQ100PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 30BQ100PBF
Description  Schottky Rectifier, 3 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30BQ100PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  30BQ100PBF Datasheet HTML 1Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 2Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 3Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 4Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 5Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94181
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 16-Apr-08
5
30BQ100PbF
Schottky Rectifier, 3 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating
2
-
B = Single lead diode
3
-
Q = Schottky “Q” series
4
-
Voltage rating (100 = 100 V)
5
-
None = Box (1000 pieces)
TR = Tape and reel (3000 pieces)
6
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
13
24
6
30
B
Q
100
TR
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95023
Part marking information
http://www.vishay.com/doc?95029
Packaging information
http://www.vishay.com/doc?95034
SPICE model
http://www.vishay.com/doc?95286


Similar Part No. - 30BQ100PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30BQ100PBF IRF-30BQ100PBF Datasheet
122Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
30BQ100PBF VISHAY-30BQ100PBF Datasheet
112Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
30BQ100PBF VISHAY-30BQ100PBF_10 Datasheet
112Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
30BQ100PBF VISHAY-30BQ100PBF_13 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
More results

Similar Description - 30BQ100PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR350 VISHAY-MBR350_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3 A
Revision: 13-Oct-11
15MQ040NPBF VISHAY-15MQ040NPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
MBR340 VISHAY-MBR340_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3 A
Revision: 19-Sep-11
VS-30BQ100PBF VISHAY-VS-30BQ100PBF_V01 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
02-Oct-12
30BQ100PBF VISHAY-30BQ100PBF_13 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 23-May-14
30BQ100PBF VISHAY-30BQ100PBF_10 Datasheet
112Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
30MQ040-M3 VISHAY-30MQ040-M3 Datasheet
117Kb / 6P
   Schottky Rectifier, 3 A
Revision: 10-Sep-10
15MQ040NPBF VISHAY-15MQ040NPBF Datasheet
99Kb / 5P
   Schottky Rectifier, 3 A
Revision: 11-Jun-08
VS-MBR350M3 VISHAY-VS-MBR350M3 Datasheet
113Kb / 6P
   Schottky Rectifier, 3 A
02-Oct-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com