Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30BQ100PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 30BQ100PBF
Description  Schottky Rectifier, 3 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30BQ100PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  30BQ100PBF Datasheet HTML 1Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 2Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 3Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 4Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 5Page - Vishay Siliconix 30BQ100PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94181
4
Revision: 16-Apr-08
30BQ100PbF
Vishay High Power Products
Schottky Rectifier, 3 A
Fig. 5 - Maximum Average Forward Current vs.
Allowable Lead Temperature
Fig. 6 - Maximum Average Forward Dissipation vs.
Average Forward Current
Fig. 7 - Maximum Peak Surge Forward Current vs.
Pulse Duration
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
100
120
140
160
180
IF(AV) - Average Forward Current (A)
345
0
DC
See note (1)
Square wave (D = 0.50)
80% rated V
r applied
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
12
0
1.0
0.5
1.5
2.0
2.5
IF(AV) - Average Forward Current (A)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
DC
RMS limit
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
10
100
1000
Tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge


Similar Part No. - 30BQ100PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30BQ100PBF IRF-30BQ100PBF Datasheet
122Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
30BQ100PBF VISHAY-30BQ100PBF Datasheet
112Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
30BQ100PBF VISHAY-30BQ100PBF_10 Datasheet
112Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
30BQ100PBF VISHAY-30BQ100PBF_13 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
More results

Similar Description - 30BQ100PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR350 VISHAY-MBR350_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3 A
Revision: 13-Oct-11
15MQ040NPBF VISHAY-15MQ040NPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
MBR340 VISHAY-MBR340_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3 A
Revision: 19-Sep-11
VS-30BQ100PBF VISHAY-VS-30BQ100PBF_V01 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
02-Oct-12
30BQ100PBF VISHAY-30BQ100PBF_13 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 23-May-14
30BQ100PBF VISHAY-30BQ100PBF_10 Datasheet
112Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
30MQ040-M3 VISHAY-30MQ040-M3 Datasheet
117Kb / 6P
   Schottky Rectifier, 3 A
Revision: 10-Sep-10
15MQ040NPBF VISHAY-15MQ040NPBF Datasheet
99Kb / 5P
   Schottky Rectifier, 3 A
Revision: 11-Jun-08
VS-MBR350M3 VISHAY-VS-MBR350M3 Datasheet
113Kb / 6P
   Schottky Rectifier, 3 A
02-Oct-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com