Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV2256PTT Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV2256PTT
Description  Bi-CMOS IC 315MHz Band FSK/ASK Wireless Transmitter IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV2256PTT Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV2256PTT Datasheet HTML 1Page - Sanyo Semicon Device LV2256PTT Datasheet HTML 2Page - Sanyo Semicon Device LV2256PTT Datasheet HTML 3Page - Sanyo Semicon Device LV2256PTT Datasheet HTML 4Page - Sanyo Semicon Device LV2256PTT Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LV2256PTT
No.A0338-3/5
Pin Functions
Pin No.
Pin
Function
1
F/A
FSK/ASK mode switching. Low: FSK, high: ASK
2
MODIN
Modulation signal input
3
FSKSW
FSK modulation external capacitor switching input
4
XIN
Crystal oscillator connection
5
PWS
Power saving mode control. Low: Normal operation, high: power saving mode
6
PCONT
Transmitter output level adjustment external resistor connection
7
GND
GND
8
PAOUT
Transmitter output
9
VCC
VCC
10
NC
Unused pin
Block Diagram and Pin Assignment
MODIN
FSKSW
XIN
PWS
X tal
OSC
PHASE
DET
1/32
2
3
4
5
10
8
7
6
PCONT
GND
PAOUT
VCC
PA
LOOP
FILTER
VCO
CHARGE
PUMP
1
9
1/2
NC
F/A
Top view
LV2256PTT


Similar Part No. - LV2256PTT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV2257PTT SANYO-LV2257PTT Datasheet
61Kb / 5P
   Bi-CMOS IC 434MHz Band FSK/ASK Wireless Transmitter IC
More results

Similar Description - LV2256PTT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV2257PTT SANYO-LV2257PTT Datasheet
61Kb / 5P
   Bi-CMOS IC 434MHz Band FSK/ASK Wireless Transmitter IC
logo
Melexis Microelectronic...
TH72006 MELEXIS-TH72006 Datasheet
339Kb / 16P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005_17 Datasheet
1Mb / 21P
   315MHz FSK/ASK Transmitter
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
logo
Analog Devices
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com