Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209436471E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL209436471E3
Description  Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209436471E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  MAL209436471E3 Datasheet HTML 1Page - Vishay Siliconix MAL209436471E3 Datasheet HTML 2Page - Vishay Siliconix MAL209436471E3 Datasheet HTML 3Page - Vishay Siliconix MAL209436471E3 Datasheet HTML 4Page - Vishay Siliconix MAL209436471E3 Datasheet HTML 5Page - Vishay Siliconix MAL209436471E3 Datasheet HTML 6Page - Vishay Siliconix MAL209436471E3 Datasheet HTML 7Page - Vishay Siliconix MAL209436471E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
094 PME-SI
Vishay BCcomponents
Aluminum Capacitors
Power Miniaturized Economy Long Life Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28382
6
Revision: 18-Aug-08
Table 3
Note
(1) Impedance ratio shall not exceed the given values
RIPPLE CURRENT AND USEFUL LIFE
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
≥ 200 V versions
Us =1.1 xUR
Reverse voltage
≤ 1V
-
Current
Leakage current
After 5 minutes at UR
IL5 ≤ 0.02 CR xUR or 1.5 mA, whichever is smaller
Inductance
Equivalent series inductance (ESL)
All case sizes
19 nH typical/25 nH max.
LOW TEMPERATURE CHARACTERISTIC (at 120 Hz)
DESCRIPTION
UR (V) (1)
200 to 450
Impedance ratio
Z (- 25 °C)/Z (+ 20 °C)
4
Tamb (°C)
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.1
0.8
1.0
0.5
0.0
1.2
IA
IR
40
50
60
70
80
90
100
110
(1)
life multiplier
I
A = actual ripple current at 120 Hz
I
R = rated ripple current at 120 Hz and 105 °C
(1) Useful life at 105 °C and I
R applied: 2000 hours
Fig.4 Multiplier of useful life as a function of ambient temperature and ripple current load


Similar Part No. - MAL209436471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209010472E3 VISHAY-MAL209010472E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011222E3 VISHAY-MAL209011222E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011332E3 VISHAY-MAL209011332E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012102E3 VISHAY-MAL209012102E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012821E3 VISHAY-MAL209012821E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
More results

Similar Description - MAL209436471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
094PME-SI VISHAY-094PME-SI_11 Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 10-Aug-11
094PME-SI VISHAY-094PME-SI_16 Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 07-Nov-16
094PME-SI VISHAY-094PME-SI_V01 Datasheet
103Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
01-Jan-2023
094PMESI VISHAY-094PMESI_15 Datasheet
107Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 21-May-15
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
199PEL-SI VISHAY-199PEL-SI_11 Datasheet
105Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 05-May-11
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com