Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209021392E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MAL209021392E3
Description  Aluminum Capacitors Power Ultra Long Life Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209021392E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  MAL209021392E3 Datasheet HTML 1Page - Vishay Siliconix MAL209021392E3 Datasheet HTML 2Page - Vishay Siliconix MAL209021392E3 Datasheet HTML 3Page - Vishay Siliconix MAL209021392E3 Datasheet HTML 4Page - Vishay Siliconix MAL209021392E3 Datasheet HTML 5Page - Vishay Siliconix MAL209021392E3 Datasheet HTML 6Page - Vishay Siliconix MAL209021392E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
090 PUL-SI
Vishay BCcomponents
Aluminum Capacitors
Power Ultra Long Life Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28387
6
Revision: 18-Aug-08
Table 3
Table 4
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(HZ)
IR MULTIPLIER
UR = 25 to 100 V
50
0.91
100
1.00
200
1.05
400
1.09
1000
1.13
2000
1.15
4000
1.18
≥ 10 000
1.22
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(QUICK REFERENCE)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 105 °C; UR applied;
2000 hours
ΔC/C: ± 15 %
ESR
≤ 1.3 x spec. limit
Z
≤ 2xspec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
5000 hours
ΔC/C: ± 20 %
ESR
≤ 3 x spec. limit
Z
≤ 3xspec. limit
IL5 ≤ spec. limit
no short or open circuit,
no visible damage
total failure percentage:
UR: ≤ 1 %
Shelf life
(storage at
high temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 105 °C; no voltage applied;
500 hours
after test: UR to be applied for 30 minutes,
24 hours to 48 hours before measurement
ΔC/C: ± 15 %
ESR
≤ 1.5 x spec. limit
IL5 ≤ 2 x spec. limit


Similar Part No. - MAL209021392E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209322182E3 VISHAY-MAL209322182E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209322222E3 VISHAY-MAL209322222E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209323122E3 VISHAY-MAL209323122E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209323152E3 VISHAY-MAL209323152E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209323182E3 VISHAY-MAL209323182E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
More results

Similar Description - MAL209021392E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com