Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHFBC30AS-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIHFBC30AS-E3
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHFBC30AS-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIHFBC30AS-E3 Datasheet HTML 1Page - Vishay Siliconix SIHFBC30AS-E3 Datasheet HTML 2Page - Vishay Siliconix SIHFBC30AS-E3 Datasheet HTML 3Page - Vishay Siliconix SIHFBC30AS-E3 Datasheet HTML 4Page - Vishay Siliconix SIHFBC30AS-E3 Datasheet HTML 5Page - Vishay Siliconix SIHFBC30AS-E3 Datasheet HTML 6Page - Vishay Siliconix SIHFBC30AS-E3 Datasheet HTML 7Page - Vishay Siliconix SIHFBC30AS-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91109
www.vishay.com
S-81412-Rev. A, 07-Jul-08
1
Power MOSFET
IRFBC30AS, IRFBC30AL, SiHFBC30AS, SiHFBC30AL
Vishay Siliconix
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
and Current
• Effective Coss Specified
• Lead (Pb)-free Available
APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Uninterruptible Power Supply
• High Speed Power Switching
TYPICAL SMPS TOPOLOGIES
• Single Transistor Flyback
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 46 mH, RG = 25 Ω, IAS = 3.6 A (see fig. 12).
c. ISD ≤ 3.6 A, dI/dt ≤ 170 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
e. Uses IRFBC30A/SiHFBC30A data and test conditions.
PRODUCT SUMMARY
VDS (V)
600
RDS(on) (Ω)VGS = 10 V
2.2
Qg (Max.) (nC)
23
Qgs (nC)
5.4
Qgd (nC)
11
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free
IRFBC30ASPbF
IRFBC30ASTRLPbFa
IRFBC30ASTRRPbFa
IRFBC30ALPbF
SiHFBC30AS-E3
SiHFBC30ASTL-E3a
SiHFBC30ASTR-E3a
SiHFBC30AL-E3
SnPb
IRFBC30AS
IRFBC30ASTRLa
IRFBC30ASTRRa
IRFBC30AL
SiHFBC30AS
SiHFBC30ASTLa
SiHFBC30ASTRa
SiHFBC30AL
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
3.6
A
TC = 100 °C
2.3
Pulsed Drain Currenta, e
IDM
14
Linear Derating Factor
0.69
W/°C
Single Pulse Avalanche Energyb
EAS
290
mJ
Avalanche Currenta
IAR
3.6
A
Repetiitive Avalanche Energya
EAR
7.4
mJ
Maximum Power Dissipation
TC = 25 °C
PD
74
W
Peak Diode Recovery dV/dtc, e
dV/dt
7.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - SIHFBC30AS-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFBC30AS-E3 VISHAY-SIHFBC30AS-E3 Datasheet
275Kb / 12P
   Power MOSFET
09-Jul-2021
SIHFBC30AS-E3 VISHAY-SIHFBC30AS-E3 Datasheet
274Kb / 12P
   Power MOSFETs
09-Jul-2021
More results

Similar Description - SIHFBC30AS-E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com