Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209021562E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL209021562E3
Description  Aluminum Capacitors Power Ultra Long Life Snap-In
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209021562E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL209021562E3 Datasheet HTML 1Page - Vishay Siliconix MAL209021562E3 Datasheet HTML 2Page - Vishay Siliconix MAL209021562E3 Datasheet HTML 3Page - Vishay Siliconix MAL209021562E3 Datasheet HTML 4Page - Vishay Siliconix MAL209021562E3 Datasheet HTML 5Page - Vishay Siliconix MAL209021562E3 Datasheet HTML 6Page - Vishay Siliconix MAL209021562E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
090 PUL-SI
Vishay BCcomponents
Aluminum Capacitors
Power Ultra Long Life Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28387
2
Revision: 18-Aug-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
12 000
-
25 x 40
30 x 30
-
-
-
-
-
-
15 000
25 x 30
30 x 35
30 x 40
30 x 40
35 x 40
-
-
-
-
18 000
-
-
-
35 x 40
-
-
-
-
22 000
25 x 40
30 x 30
35 x 40
35 x 40
-
-
-
-
-
27 000
30 x 35
-
-
-
-
-
-
-
33 000
30 x 40
-
-
-
-
-
-
-
39 000
-
-
-
-
-
-
-
-
47 000
30 x 40
35 x 40
-
-
-
-
-
-
-
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
16
25
35
40
50
63
80
100
TWO TERMINAL SNAP-IN
THREE TERMINAL SNAP-IN
L
Bottom view
5.8
mm
+ 0
- 1
Ø D
L + 2 max.
+ TERMINAL
- TERMINAL
The minus terminal can be marked with a black dot or with an
imprinted ‘-’ sign.
Fig.2 Two terminal snap-in
Fig.3 Mounting hole diagram
Ø 2 ± 0.1 (2 x)
10
± 0.1
Ø D
L + 2 max.
4 ± 0.5
minus pole
marking
Bottom view
TERMINAL
TERMINAL
L
Fig.4 Three terminal snap-in
The negative terminal has TWO pins which are BOTH electrically
connected.
Ø 2 ± 0.1
(2 x)
Ø 2.5
± 0.1
3.3
± 0.1
10
± 0.1
4.75 ± 0.1
The 10 mm spacing of the 2 pin snap-in is used as the base layout
and a third hole is added.
The third hole is closer to the negative primary hole so that
polarization is always maintained, together with added mechanical
stability.
Fig.5 Mounting hole diagram


Similar Part No. - MAL209021562E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209322182E3 VISHAY-MAL209322182E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209322222E3 VISHAY-MAL209322222E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209323122E3 VISHAY-MAL209323122E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209323152E3 VISHAY-MAL209323152E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
MAL209323182E3 VISHAY-MAL209323182E3 Datasheet
115Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 12-Aug-08
More results

Similar Description - MAL209021562E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_11 Datasheet
115Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 17-Aug-11
158PULSI VISHAY-158PULSI_15 Datasheet
108Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
logo
List of Unclassifed Man...
159PUL-SI ETC2-159PUL-SI Datasheet
668Kb / 12P
   Aluminum electrolytic capacitors Power Ultra Long Life Snap-in
logo
Vishay Siliconix
159PUL-SI VISHAY-159PUL-SI_17 Datasheet
122Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
159PULSI VISHAY-159PULSI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com