Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209454101E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL209454101E3
Description  Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209454101E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL209454101E3 Datasheet HTML 1Page - Vishay Siliconix MAL209454101E3 Datasheet HTML 2Page - Vishay Siliconix MAL209454101E3 Datasheet HTML 3Page - Vishay Siliconix MAL209454101E3 Datasheet HTML 4Page - Vishay Siliconix MAL209454101E3 Datasheet HTML 5Page - Vishay Siliconix MAL209454101E3 Datasheet HTML 6Page - Vishay Siliconix MAL209454101E3 Datasheet HTML 7Page - Vishay Siliconix MAL209454101E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 28382
For technical questions, contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 18-Aug-08
5
094 PME-SI
Aluminum Capacitors
Power Miniaturized Economy Long Life Snap-In
Vishay BCcomponents
Note
(1) ESR at 100 Hz is approximately 1.05 x ESR 120 Hz
420
56
22 x 25
0.54
0.47
2.24
1.64
54569E3
68
22 x 25
0.59
0.57
1.86
1.36
54689E3
82
22 x 25
0.64
0.69
1.60
1.20
54829E3
100
22 x 30
0.74
0.84
1.27
0.93
54101E3
100
25 x 25
0.74
0.84
1.29
0.96
44101E3
120
22 x 30
0.79
1.01
1.15
0.87
54121E3
120
25 x 25
0.79
1.01
1.16
0.89
44121E3
150
22 x 35
0.92
1.26
0.91
0.69
54151E3
150
25 x 30
0.93
1.26
0.86
0.64
44151E3
180
22 x 40
1.06
1.50
0.76
0.57
54181E3
180
25 x 30
1.00
1.50
0.78
0.59
44181E3
180
30 x 25
1.03
1.50
0.76
0.58
34181E3
220
22 x 50
1.15
1.50
0.59
0.44
54221E3
220
25 x 40
1.22
1.50
0.59
0.44
44221E3
220
30 x 30
1.19
1.50
0.59
0.44
34221E3
220
35 x 25
1.19
1.50
0.67
0.52
24221E3
270
25 x 50
1.50
1.50
0.47
0.34
44271E3
330
35 x 30
1.49
1.50
0.45
0.35
24331E3
390
35 x 35
1.65
1.50
0.39
0.31
24391E3
470
35 x 40
1.86
1.50
0.32
0.25
24471E3
560
35 x 45
2.06
1.50
0.27
0.21
24561E3
680
35 x 50
2.30
1.50
0.23
0.18
24681E3
450
56
22 x 25
0.55
0.50
2.06
1.46
57569E3
68
22 x 25
0.59
0.61
1.72
1.23
57689E3
82
22 x 30
0.68
0.74
1.41
1.01
57829E3
82
25 x 25
0.68
0.74
1.43
1.03
47829E3
100
22 x 30
0.74
0.90
1.25
0.92
57101E3
100
25 x 25
0.74
0.90
1.25
0.91
47101E3
120
22 x 35
0.85
1.08
1.01
0.73
57121E3
120
25 x 30
0.86
1.08
0.98
0.70
47121E3
150
22 x 40
0.99
1.35
0.81
0.59
57151E3
150
25 x 30
0.93
1.35
0.83
0.61
47151E3
150
30 x 25
0.97
1.35
0.83
0.61
37151E3
180
22 x 50
1.07
1.50
0.64
0.45
57181E3
180
25 x 35
1.05
1.50
0.73
0.53
47181E3
180
30 x 25
1.03
1.50
0.75
0.56
37181E3
220
25 x 40
1.20
1.50
0.60
0.44
47221E3
220
30 x 30
1.19
1.50
0.59
0.43
37221E3
220
35 x 25
1.19
1.50
0.67
0.51
27221E3
270
25 x 50
1.50
1.50
0.47
0.34
47271E3
270
30 x 35
1.34
1.50
0.50
0.38
37271E3
270
35 x 30
1.42
1.50
0.49
0.37
27271E3
330
30 x 45
1.64
1.50
0.38
0.28
37331E3
330
35 x 35
1.58
1.50
0.42
0.32
27331E3
390
30 x 50
1.85
1.50
0.33
0.25
37391E3
390
35 x 40
1.78
1.50
0.35
0.26
27391E3
470
35 x 45
1.97
1.50
0.29
0.22
27471E3
560
35 x 50
2.20
1.50
0.25
0.19
27561E3
680
35 x 60
2.60
1.50
0.21
0.16
27681E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
(A)
IL5
(mA)
MAX. ESR
120 Hz (1)
(
Ω)
MAX. Z
10 kHz
(
Ω)
ORDERING
CODE
MAL2094.......


Similar Part No. - MAL209454101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209010472E3 VISHAY-MAL209010472E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011222E3 VISHAY-MAL209011222E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011332E3 VISHAY-MAL209011332E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012102E3 VISHAY-MAL209012102E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012821E3 VISHAY-MAL209012821E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
More results

Similar Description - MAL209454101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
094PME-SI VISHAY-094PME-SI_11 Datasheet
108Kb / 8P
   Aluminum Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 10-Aug-11
094PME-SI VISHAY-094PME-SI_16 Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 07-Nov-16
094PME-SI VISHAY-094PME-SI_V01 Datasheet
103Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
01-Jan-2023
094PMESI VISHAY-094PMESI_15 Datasheet
107Kb / 8P
   Aluminum Electrolytic Capacitors Power Miniaturized Economy Long Life Snap-In
Revision: 21-May-15
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
199PEL-SI VISHAY-199PEL-SI_11 Datasheet
105Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 05-May-11
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com