Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV4912GP Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV4912GP
Description  Bi-CMOS LSI Crass-D Audio Power Amplifier BTL 2W횞1ch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV4912GP Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV4912GP Datasheet HTML 1Page - Sanyo Semicon Device LV4912GP Datasheet HTML 2Page - Sanyo Semicon Device LV4912GP Datasheet HTML 3Page - Sanyo Semicon Device LV4912GP Datasheet HTML 4Page - Sanyo Semicon Device LV4912GP Datasheet HTML 5Page - Sanyo Semicon Device LV4912GP Datasheet HTML 6Page - Sanyo Semicon Device LV4912GP Datasheet HTML 7Page - Sanyo Semicon Device LV4912GP Datasheet HTML 8Page - Sanyo Semicon Device LV4912GP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LV4912GP
No.A1173-5/11
Pin Equivalent Circuit
Pin No.
Pin Name
I/O
Description
Equivalent Circuit
1
NC
No connection
2
PRE_VD
Power supply pin
3
PRE_GND
Pre ground
4
VIN+
I
Input plus
30k
300
VBIAS
GND
VD
4
5
VIN-
I
Input minus
30k
300
VBIAS
GND
VD
5
6
NC
No connection
7
NC
No connection
8
NC
No connection
9
NC
No connection
10
BIASCAP
O
Internal power supply decoupling capacitor
connection
90k
100k
200k
GND
VD
10
11
NC
No connection
12
MUTECAP
O
Mute capacitor connection
GND
12
VD
200k
VCC
13
MUTE
I
Mute control pin
100k
200k
GND
13
VD
VCC
Continued on next page.


Similar Part No. - LV4912GP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4912GP SANYO-LV4912GP Datasheet
165Kb / 11P
   Class-D Audio Power Amplifier BTL 2W횞1ch
LV4912GP SANYO-LV4912GP_11 Datasheet
165Kb / 11P
   Class-D Audio Power Amplifier BTL 2W횞1ch
More results

Similar Description - LV4912GP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4901H SANYO-LV4901H Datasheet
212Kb / 14P
   Bi-CMOS LSI Buit-in 80mW Headphone amplifier BTL 10W횞2ch Crass-D Audio Power Amplifier
LV4900HR SANYO-LV4900HR Datasheet
385Kb / 14P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
LV4900H SANYO-LV4900H Datasheet
450Kb / 14P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
LV4912GP SANYO-LV4912GP_11 Datasheet
165Kb / 11P
   Class-D Audio Power Amplifier BTL 2W횞1ch
LV4910T SANYO-LV4910T Datasheet
87Kb / 7P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 2W 횞 2ch
LV49157V SANYO-LV49157V Datasheet
1Mb / 30P
   Bi-CMOS LSI Class-D Audio Power Amplifier with built-in Headphone Ampifier BTL 15W 횞 2ch
LV4920H SANYO-LV4920H Datasheet
169Kb / 12P
   Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W횞2CH, 10W횞2CH
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT Datasheet
189Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV1117 SANYO-LV1117 Datasheet
225Kb / 3P
   Bi-CMOS LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com