Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL209357121E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL209357121E3
Description  Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL209357121E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL209357121E3 Datasheet HTML 1Page - Vishay Siliconix MAL209357121E3 Datasheet HTML 2Page - Vishay Siliconix MAL209357121E3 Datasheet HTML 3Page - Vishay Siliconix MAL209357121E3 Datasheet HTML 4Page - Vishay Siliconix MAL209357121E3 Datasheet HTML 5Page - Vishay Siliconix MAL209357121E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
093 PMG-SI
Vishay BCcomponents
Aluminum Capacitors
Power Miniaturized General Purpose Snap-In
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 28383
2
Revision: 12-Aug-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
Table 1
330
22 x 35
25 x 40
25 x 50
30 x 35
25 x 50
35 x 30
-
30 x 30
35 x 25
390
22 x 30
25 x 25
22 x 35
25 x 30
25 x 50
35 x 30
30 x 40
35 x 35
30 x 35
35 x 30
470
22 x 35
25 x 35
30 x 40
35 x 35
35 x 40
35 x 30
560
25 x 30
25 x 40
30 x 45
30 x 50
35 x 45
35 x 35
35 x 40
680
25 x 35
30 x 30
35 x 40
35 x 45
35 x 50
820
25 x 40
30 x 35
35 x 50
-
-
1000
30 x35
30 x 40
-
-
-
1200
30 x 40
35 x 40
-
-
-
1500
30 x 45
35 x 45
-
-
-
1800
30 x 50
35 x 50
--
-
-
-
35 x 40
-
2200
35 x 45
-
-
-
-
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
200
250
400
420
450
Bottom view
+ Terminal
- Terminal
Ø D
L + 2 max.
6.3 + 1 mm
L
The minus and/or plus terminal can be marked with an imprinted sign
Fig.2 Two terminal snap-in
10
± 0.1
Ø 2 ± 0.1 (2 ×)
Fig.3 Mounting hole diagram
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø DxL
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING QUANTITIES
CARDBOARD BOX DIMENSIONS
L x W x H
22 x 25
22.5
25.5
≈ 12
216
280 x 240 x 140
22 x 30
22.5
30.5
≈ 16
216
280 x 240 x 140
22 x 35
22.5
35.5
≈ 20
144
280 x 240 x 105
22 x 40
22.5
40.5
≈ 23
144
280 x 240 x 105
22 x 45
22.5
45.5
≈ 26
144
280 x 240 x 140
22 x 50
22.5
50.5
≈ 29
72
280 x 240 x 105
25 x 25
25.5
25.5
≈ 20
216
280 x 240 x 140
25 x 30
25.5
32.0
≈ 22
216
280 x 240 x 140
25 x 35
25.5
35.5
≈ 24
144
280 x 240 x 105
25 x 40
25.5
40.5
≈ 27
144
280 x 240 x 105
25 x 45
25.5
45.5
≈ 32
144
280 x 240 x 140
25 x 50
25.5
50.5
≈ 38
144
280 x 240 x 140
30 x 25
30.5
27.5
≈ 25
168
280 x 240 x 140
30 x 30
30.5
32.5
≈ 30
168
280 x 240 x 140
30 x 35
30.5
37.5
≈ 35
112
280 x 240 x 105
30 x 40
30.5
41.5
≈ 40
112
280 x 240 x 105
30 x 45
30.5
46.5
≈ 45
112
280 x 240 x 140
30 x 50
30.5
51.5
≈ 50
112
280 x 240 x 140
35 x 25
35.5
25.5
≈ 33
126
280 x 240 x 140
35 x 30
35.5
32.5
≈ 40
126
280 x 240 x 140
35 x 35
35.5
35.5
≈ 48
84
280 x 240 x 105
35 x 40
35.5
41.5
≈ 55
84
280 x 240 x 105
35 x 45
35.5
46.5
≈ 63
84
280 x 240 x 140
35 x 50
35.5
51.5
≈ 72
84
280 x 240 x 140


Similar Part No. - MAL209357121E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL209010472E3 VISHAY-MAL209010472E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011222E3 VISHAY-MAL209011222E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209011332E3 VISHAY-MAL209011332E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012102E3 VISHAY-MAL209012102E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
MAL209012821E3 VISHAY-MAL209012821E3 Datasheet
110Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 13-Sep-12
More results

Similar Description - MAL209357121E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
093PMG-SI VISHAY-093PMG-SI_11 Datasheet
105Kb / 6P
   Aluminum Capacitors Power Miniaturized General Purpose Snap-In
Revision: 23-Nov-11
256PMG-SI VISHAY-256PMG-SI_15 Datasheet
102Kb / 5P
   Aluminum Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 20-May-15
093PMGSI VISHAY-093PMGSI_15 Datasheet
101Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 21-May-15
256PMG-SI VISHAY-256PMG-SI_V01 Datasheet
115Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
01-Jan-2023
256PMG-SI-V02 VISHAY-256PMG-SI-V02 Datasheet
116Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
256PMG-SI VISHAY-256PMG-SI Datasheet
117Kb / 6P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose - Snap-In
Revision: 17-Oct-16
093PMG-SI VISHAY-093PMG-SI_16 Datasheet
114Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
Revision: 11-Nov-16
093PMG-SI VISHAY-093PMG-SI_V01 Datasheet
94Kb / 7P
   Aluminum Electrolytic Capacitors Power Miniaturized General Purpose Snap-In
01-Jan-2023
197PGP-SI VISHAY-197PGP-SI_11 Datasheet
103Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 12-Oct-11
197PGP-SI VISHAY-197PGP-SI Datasheet
109Kb / 8P
   Aluminum Capacitors Power General Purpose Snap-In
Revision: 18-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com